Electronic Components Datasheet Search
  English  ▼

X  

PI6CU877NF Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PI6CU877NF
Description  PLL Clock Driver for 1.8V DDR2 Memory
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6CU877NF Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

Back Button PI6CU877NF Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6CU877NF Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6CU877NF Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6CU877NF Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6CU877NF Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6CU877NF Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6CU877NF Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6CU877NF Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6CU877NF Datasheet HTML 10Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
PS8689B
08/05/04
PI6CU877
PLL Clock Driver for
1.8V DDR2 Memory
AC Specifications
Switching characteristics over recommended operating free-air temperature range (unless otherwise noted)(15)
Parameter
Description
Diagram
AVDD, VDDQ = 1.8V ±0.1V
Units
Min.
Nom.
Max.
ten
OE to and Y/Y
see Fig 11
8
ns
tdis
OE to and Y/Y
see Fig 11
8
tjit(cc+)
Cycle-to-cycle jitter
see Fig 4
0
40
ps
tjit(cc-)
0
-40
t(Ø)
Static phase offset (11)
see Fig 5
-50
50
t(Ø)dyn
Dynamic phase offset
see Fig 10
-50
50
tsk(o)
Output clock skew
see Fig 6
40
tjit(per)
Period jitter(12)
see Fig 7
-40
40
tjit(hper)
Halk period jitter (12)
see Fig 8
-75
75
slr(i)
Input clock slew rate
see Fig 9
1
2.5
4
V/ns
Output enable (OE)
see Fig 9
0.5
slr(o)
Output clock slew rate (14, 16)
see Fig 1, 9
1.5
2.5
3
VOX
Outpu differenital-pair cross voltage(13)
see Fig 2
(VDDQ/2)
-0.1
(VDDQ/2)
+0.1
V
The PLL on the PI6CU877 is capable of meeting all the above test parameters while supporting SSC synthesirers
with the following parameters:
SSC modulation frequency
30.00
33
kHz
SSC clock input frequency deviation
0.00
-0.50
%
PI6CU877 PLL design should target the values below to minimize the SCC induced skew:
PLL Loop Bandwidth
2.0
MHz
Notes:
11. Static Phase Offset does not include Jitter
12. Period Jitter and Half-Period Jitter specifications are separate specifications that must be met independently of each other.
13. VOX specified at the DRAM clock input or the test load.
14. To eliminate the impact of input slew rates on static phase offset, the input slew rates of Reference Clock Input CK, CK and Feedback Clock
Input FBIN, FBIN are recommended to be nearly equal. The 2.5V/ns slew rates are shown as a recommended target. Compliance with these
Nom values is not mandatory if it can be adequately demonstrated that alternative characteristics meet the requirements of the registered
DDR2 DIMM application.
15. There are two terminations that are used with the above ac tests. The load/board in Figure 2 is used to measure the input and output differen-
tial-pair cross-voltage only. The load/board in Figure 3 is used to measure all other tests. For consistency, equal length cables should be used.
16. The Output slew rate is determined from IBIS model load shown in Figure1. It is measured single-ended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com