Electronic Components Datasheet Search
  English  ▼

X  

PI6CU877NFE Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI6CU877NFE
Description  PLL Clock Driver for 1.8V DDR2 Memory
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6CU877NFE Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI6CU877NFE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6CU877NFE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6CU877NFE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6CU877NFE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6CU877NFE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6CU877NFE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6CU877NFE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6CU877NFE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6CU877NFE Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
PS8689B
08/05/04
PI6CU877
PLL Clock Driver for
1.8V DDR2 Memory
DC Specifications Recommended Operating Conditions
Symbol
Parameter
Min.
Typ.
Max.
Units
VDDQ
Output supply Voltage
1.7
1.8
1.9
V
AVDD
Supply voltage(4)
VDDQ
VIL
Low-level input voltage(5)
OE, OS, CK, CK
0.35 x
VDDQ
VIH
High-level input voltage(5)
OE, OS, CK, CK
0.65 x
VDDQ
IOH
High-level output current, see Fig 2
-
-9
mA
IOL
Low-level output current, see Fig. 2
-
9
VIX
Input differential-pair crossing voltage
(VDDQ/2)
-0.15
(VDDQ/2)
-0.15
VIN
Input voltage level
-0.3
VDDQ +0.3
V
VID
Input differenital voltage, See Fig 9 (5)
DC
0.3
VDDQ +0.4
AC
0.6
VDDQ +0.4
TA
Operating free air temperature
0
70
ºC
Notes:
4. The PLL is turned off and bypassed for test purposes when AVDD is grounded. During this test mode, VDDQ remains within the recommended
operating conditions and no timing parameters are guaranteed.
5. VID is the magnitude of the difference between the input level on CK and the input level on CK, see Figure 9 for definition. The CK and CK,
VIH and VIL limits are used to define the DC low and high levels for the logic detect state.
Absolute Maximum Ratings (Over operating free-air temperature range)
Symbol
Parameter
Min.
Max.
Units
VDDQ, AVDD
I/O supply voltage range and analog /core supply voltage range
-0.5
2.5
V
VI
Input voltage range
-0.5
VDDQ
+0.5
VO
Output voltage range
-0.5
IIK
Input clamp current
-50
50
mA
IOK
Output clamp current
-50
50
IO
Continuous output current
-50
50
IO(PWR)
Continuous current through each VDDQ or GND
-100
100
TSTG
Storage temperature
-65
150
ºC
Note:
1.
Stress beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com