Electronic Components Datasheet Search
  English  ▼

X  

PKL3101 Datasheet(PDF) 1 Page - PACELEADER INDUSTRIAL

Part # PKL3101
Description  P-Ch 30V Fast Switching MOSFETs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

PKL3101 Datasheet(HTML) 1 Page - PACELEADER INDUSTRIAL

  PKL3101 Datasheet HTML 1Page - PACELEADER INDUSTRIAL PKL3101 Datasheet HTML 2Page - PACELEADER INDUSTRIAL PKL3101 Datasheet HTML 3Page - PACELEADER INDUSTRIAL PKL3101 Datasheet HTML 4Page - PACELEADER INDUSTRIAL PKL3101 Datasheet HTML 5Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PKL3101
P-Ch 30V Fast Switching MOSFETs
11
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
-30
V
VGS
Gate-Source Voltage
±20
V
ID@TA=25℃
Continuous Drain Current, VGS @ -10V1
-4.5
A
ID@TA=70℃
Continuous Drain Current, VGS @ -10V1
-3.5
A
IDM
Pulsed Drain Current2
-23
A
PD@TA=25℃
Total Power Dissipation3
1.5
W
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
Symbol
Parameter
Typ.
Max.
Unit
RθJA
Thermal Resistance Junction-Ambient 1
---
85
℃/W
RθJC
Thermal Resistance Junction-Case1
---
48
℃/W
BVDSS
RDSON
ID
-30V
52m
Ω
-4.5A
The PKL3101 is the high cell density trenched
P-ch MOSFETs, which provide excellent RDSON
and gate charge for most of the synchronous
buck converter applications.
The PKL3101 meet the RoHS and Green Product
requirement, 100% EAS guaranteed with full
function reliability approved.
 100% EAS Guaranteed
 Green Device Available
 Super Low Gate Charge
 Excellent CdV/dt effect decline
 Advanced high cell density Trench
technology
Description
Absolute Maximum Ratings
Thermal Data
SOT223 Pin Configuration
Product Summary
1
www.paceleader.tw


Similar Part No. - PKL3101

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
PKL3103 PACELEADER-PKL3103 Datasheet
1Mb / 5P
P-Ch 30V Fast Switching MOSFETs
PKL3107 PACELEADER-PKL3107 Datasheet
1Mb / 5P
P-Ch 30V Fast Switching MOSFETs
More results

Similar Description - PKL3101

ManufacturerPart #DatasheetDescription
logo
Unitpower Technology Li...
UM3003 UNITPOWER-UM3003 Datasheet
731Kb / 4P
P-Ch 30V Fast Switching MOSFETs
US3003 UNITPOWER-US3003 Datasheet
817Kb / 4P
P-Ch 30V Fast Switching MOSFETs
UD3001 UNITPOWER-UD3001 Datasheet
719Kb / 4P
P-Ch 30V Fast Switching MOSFETs
UD3003 UNITPOWER-UD3003 Datasheet
757Kb / 4P
P-Ch 30V Fast Switching MOSFETs
logo
PACELEADER INDUSTRIAL
PKL3107 PACELEADER-PKL3107 Datasheet
1Mb / 5P
P-Ch 30V Fast Switching MOSFETs
PKN3113 PACELEADER-PKN3113 Datasheet
1Mb / 5P
P-Ch 30V Fast Switching MOSFETs
logo
uPI Group Inc.
QM3401K UPI-QM3401K Datasheet
270Kb / 4P
P-Ch 30V Fast Switching MOSFETs
logo
FETek Technology Corp.
FKBA3031 FETEK-FKBA3031 Datasheet
687Kb / 4P
P-Ch 30V Fast Switching MOSFETs
Ver : A
FKCE3031 FETEK-FKCE3031 Datasheet
554Kb / 5P
P-Ch 30V Fast Switching MOSFETs
Ver : B
FKD3115 FETEK-FKD3115 Datasheet
496Kb / 4P
P-Ch 30V Fast Switching MOSFETs
Ver : A
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com