Electronic Components Datasheet Search
  English  ▼

X  

M0002947 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # M0002947
Description  MN54ABT646-X REV 0B0
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

M0002947 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  M0002947 Datasheet HTML 1Page - National Semiconductor (TI) M0002947 Datasheet HTML 2Page - National Semiconductor (TI) M0002947 Datasheet HTML 3Page - National Semiconductor (TI) M0002947 Datasheet HTML 4Page - National Semiconductor (TI) M0002947 Datasheet HTML 5Page - National Semiconductor (TI) M0002947 Datasheet HTML 6Page - National Semiconductor (TI) M0002947 Datasheet HTML 7Page - National Semiconductor (TI) M0002947 Datasheet HTML 8Page - National Semiconductor (TI) M0002947 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MICROCIRCUIT DATA SHEET
MN54ABT646-X REV 0B0
(Absolute Maximum Ratings)
(Note 1)
Vcc Pin Potential to Ground Potential
-0.5V to +7.0V
Input Voltage
(Note 2)
-0.5V to +7.0V
Input Current
(Note 2)
-30mA to +5.0mA
Voltage Applied To Any Output
-0.5V to 5.5V
In the Disabled or Power-Off State
-0.5V to Vcc
In The High State
Current Applied To Output
96mA
In The Low State (Max)
Junction Temperature (Tj)
+175C
Ceramic
Thermal Resistance
See Mil-Std 1835
Junction-To-Case (Theta JC)
Storage Temperature
-65C to +150C
Lead Temperature
+300C
(Soldering, 10 seconds)
ESD Classification
Class 3
Maximum Power Dissipation
500 mW
Note 1:
Absolute maximum ratings are values beyond which the device may be damaged or have
its useful life impaired.
Functional operation under these conditions is not
implied.
Note 2:
Either voltage limit or current limit is sufficient to protect inputs.
Recommended Operating Conditions
Supply Voltage (Vcc)
4.5V to 5.5V
Operating Temperature
-55C to +125C
Minimum Input Edge Rate (dV/dt)
50 mV/ns
Data Input
20 mV/ns
Enable Input
100 mV/ns
Clock Input
Maximum Output Current
-24 mA
High Level (Ioh)
48 mA
Low Level (Iol)
3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com