Electronic Components Datasheet Search
  English  ▼

X  

MP3276AG Datasheet(PDF) 8 Page - Exar Corporation

Part # MP3276AG
Description  Fault Protected 16 Channel, 12-Bit Data Acquisition Subsystem
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP3276AG Datasheet(HTML) 8 Page - Exar Corporation

Back Button MP3276AG Datasheet HTML 4Page - Exar Corporation MP3276AG Datasheet HTML 5Page - Exar Corporation MP3276AG Datasheet HTML 6Page - Exar Corporation MP3276AG Datasheet HTML 7Page - Exar Corporation MP3276AG Datasheet HTML 8Page - Exar Corporation MP3276AG Datasheet HTML 9Page - Exar Corporation MP3276AG Datasheet HTML 10Page - Exar Corporation MP3276AG Datasheet HTML 11Page - Exar Corporation MP3276AG Datasheet HTML 12Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
MP3276
8
Rev. 4.00
CS
WR
ADDRESS
Figure 1. Timing for ADC Channel Select Start Conversion
t 1
STL
ADEN
STS
DB0-DB11
RD = 0
DB0-DB11
RD = 1
HIGH Z
Previous ADC Data
New ADC Data
t 2
t 3
t 4
t 5
t 6
t 7
t 8
t 9
t 11
10
t
t 12
t 14
t 13
Table 3. ADC Read Timing
(
See Figure 2.)
25
°C
Tmin to
Tmax
Limits
Comments/Test Conditions
CS to RD Set-Up Time
t15
0
0
ns min
CS to RD Hold Time
t16
0
0
ns min
RD to Data Valid Delay
t17
100
150
ns max
Load ckt of
Figure 3., CL = 20 pF
150
200
ns max
Load ckt of
Figure 3., CL = 100 pF
Bus Relinquish Time after RD
t18
100
150
ns max
Load ckt of
Figure 4.
High
RD Pulse Width
t19
100
150
ns min
Load ckt 4
ADC Read Timing
Time
Interval
CS
RD
DATA
Figure 2. Timing for ADC Read
t 15
t 18
t 19
t 16
t
Valid
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com