Electronic Components Datasheet Search
  English  ▼

X  

MPC857T Datasheet(PDF) 51 Page - Motorola, Inc

Part # MPC857T
Description  Hardware Specifications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC857T Datasheet(HTML) 51 Page - Motorola, Inc

Back Button MPC857T Datasheet HTML 47Page - Motorola, Inc MPC857T Datasheet HTML 48Page - Motorola, Inc MPC857T Datasheet HTML 49Page - Motorola, Inc MPC857T Datasheet HTML 50Page - Motorola, Inc MPC857T Datasheet HTML 51Page - Motorola, Inc MPC857T Datasheet HTML 52Page - Motorola, Inc MPC857T Datasheet HTML 53Page - Motorola, Inc MPC857T Datasheet HTML 54Page - Motorola, Inc MPC857T Datasheet HTML 55Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 88 page
background image
MOTOROLA
MPC862/857T/857DSL Hardware Specifications
51
CPM Electrical Characteristics
11.4
Baud Rate Generator AC Electrical Specifications
Table 17 provides the baud rate generator timings as shown in Figure 50.
Figure 50. Baud Rate Generator Timing Diagram
11.5
Timer AC Electrical Specifications
Table 18 provides the general-purpose timer timings as shown in Figure 51.
Table 17. Baud Rate Generator Timing
Num
Characteristic
All Frequencies
Unit
Min
Max
50
BRGO rise and fall time
—
10
ns
51
BRGO duty cycle
40
60
%
52
BRGO cycle
40
—
ns
Table 18. Timer Timing
Num
Characteristic
All Frequencies
Unit
Min
Max
61
TIN/TGATE rise and fall time
10
—
ns
62
TIN/TGATE low time
1
—
clk
63
TIN/TGATE high time
2
—
clk
64
TIN/TGATE cycle time
3
—
clk
65
CLKO low to TOUT valid
3
25
ns
52
50
51
BRGOX
50
51
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com