Electronic Components Datasheet Search
  English  ▼

X  

MP7610BS Datasheet(PDF) 14 Page - Exar Corporation

Part # MP7610BS
Description  D/A Converter with Output Amplifier and Serial Data/Address mP Control Logic
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7610BS Datasheet(HTML) 14 Page - Exar Corporation

Back Button MP7610BS Datasheet HTML 8Page - Exar Corporation MP7610BS Datasheet HTML 9Page - Exar Corporation MP7610BS Datasheet HTML 10Page - Exar Corporation MP7610BS Datasheet HTML 11Page - Exar Corporation MP7610BS Datasheet HTML 12Page - Exar Corporation MP7610BS Datasheet HTML 13Page - Exar Corporation MP7610BS Datasheet HTML 14Page - Exar Corporation MP7610BS Datasheet HTML 15Page - Exar Corporation MP7610BS Datasheet HTML 16Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
MP7610
14
Rev. 4.01
44 LEAD PLASTIC LEADED CHIP CARRIER
(PLCC)
Rev. 1.00
1
D
D1
A
A1
D
D1
D3
A
0.165
0.180
4.19
4.57
A1
0.090
0.120
2.29
3.05
A2
0.020
------.
0.51
------
B
0.013
0.021
0.33
0.53
B1
0.026
0.032
0.66
0.81
C
0.008
0.013
0.19
0.32
D
0.685
0.695
17.40
17.65
D1
0.650
0.656
16.51
16.66
D2
0.590
0.630
14.99
16.00
D3
0.500 typ.
12.70 typ.
e
0.050 BSC
1.27 BSC
H1
0.042
0.056
1.07
1.42
H2
0.042
0.048
1.07
1.22
R
0.025
0.045
0.64
1.14
SYMBOL
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
B
A2
B1
e
Seating Plane
D2
2
44
Note: The control dimension is the inch column
D3
45° x H2
45° x H1
C
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com