Electronic Components Datasheet Search
  English  ▼

X  

PE3832 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE3832
Description  SMA Male to SMA Female Cable
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3832 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3832 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3832 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3832 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3832 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Configuration
• Connector 1: SMA Male
• Connector 2: SMA Female
• Cable Type: RG316
.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
3
GHz
VSWR
1.5:1
Capacitance
32 [104.99]
pF/ft [pF/m]
.
Specifications by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency
0.1
0.25
0.5
1
3
GHz
Insertion Loss (Typ.)
0.31
0.36
0.438
0.58
0.78
dB/ft
[1.02]
[1.18]
[1.44]
[1.9]
[2.56]
[dB/m]
.
Mechanical Specifications
Cable Assembly
Diameter
0.312 in [7.92 mm]
.
Weight
0.026 lbs [11.79 g]
Cable
Cable Type
RG316
Impedance
50 Ohms
Inner Conductor Type
Stranded
Inner Conductor Material and Plating
Copper Clad Steel, Silver
Dielectric Type
PTFE
Number of Shields
1
Shield Layer 1
Silver Plated Copper Braid
Jacket Material
FEP, Tan
Jacket Diameter
0.098 in [2.49 mm]
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male to SMA Female Cable Using RG316 Coax PE3832
PE3832 REV 1.1
SMA Male to SMA Female Cable Using RG316 Coax
RF Cable Assemblies Technical Data Sheet
PE3832


Similar Part No. - PE3832

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3832 PASTERNACK-PE3832 Datasheet
269Kb / 1P
CABLE ASSEMBLY, RG316/U, SMA MALE TO SMA FEMALE
PE3832-12 PASTERNACK-PE3832-12 Datasheet
346Kb / 4P
SMA Male to SMA Female Cable 12 Inch Length RF Cable
PE3832-18 PASTERNACK-PE3832-18 Datasheet
346Kb / 4P
SMA Male to SMA Female Cable 18 Inch Length
PE3832-24 PASTERNACK-PE3832-24 Datasheet
346Kb / 4P
SMA Male to SMA Female Cable 24 Inch Length
PE3832-36 PASTERNACK-PE3832-36 Datasheet
346Kb / 4P
SMA Male to SMA Female Cable 36 Inch Length
More results

Similar Description - PE3832

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
4528 POMONA-4528 Datasheet
16Kb / 1P
Cable Assembly SMA Male To SMA Female
logo
Pasternack Enterprises,...
PE3443-18 PASTERNACK-PE3443-18 Datasheet
396Kb / 4P
SMA Male to SMA Female Cable 18 Inch
PE3443-36 PASTERNACK-PE3443-36 Datasheet
396Kb / 4P
SMA Male to SMA Female Cable 36 Inch
PE3443-60 PASTERNACK-PE3443-60 Datasheet
396Kb / 4P
SMA Male to SMA Female Cable 60 Inch
PE3835 PASTERNACK-PE3835_15 Datasheet
655Kb / 4P
SMA Male to SMA Female Bulkhead Cable
PE3835LF PASTERNACK-PE3835LF Datasheet
661Kb / 4P
SMA Male to SMA Female Bulkhead Cable
PE3823 PASTERNACK-PE3823 Datasheet
269Kb / 1P
CABLE ASSEMBLY SMA MALE TO SMA FEMALE
PE3824LF PASTERNACK-PE3824LF Datasheet
277Kb / 1P
CABLE ASSEMBLY SMA MALE TO SMA FEMALE
PE3825 PASTERNACK-PE3825 Datasheet
371Kb / 4P
SMA Male to SMA Female Bulkhead Cable
PE3956 PASTERNACK-PE3956_17 Datasheet
378Kb / 4P
SMA Male to SMA Female Bulkhead Cable
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com