Electronic Components Datasheet Search
  English  ▼

X  

PE3570 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE3570
Description  N Male to N Male Cable Using RG8 Coax
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3570 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3570 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3570 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3570 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3570 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Configuration
• Connector 1: N Male
• Connector 2: N Male
• Cable Type: RG8
.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
1,000
MHz
VSWR
1.4:1
Velocity of Propagation
66
%
Capacitance
30.8 [101.05]
pF/ft [pF/m]
.
Specifications by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency
50
100
250
500
1,000
MHz
Insertion Loss (Max.)
0.21
0.22
0.23
0.25
0.28
dB/ft
[0.69]
[0.72]
[0.75]
[0.82]
[0.92]
[dB/m]
VSWR (Max.)
1.4:1
1.4:1
1.4:1
1.4:1
1.4:1
Return Loss (Max.)
15.56
15.563
15.563
15.563
15.563
dB
.
Mechanical Specifications
Cable Assembly
Diameter
0.82 in [20.83 mm]
.
Weight
0.28 lbs [127.01 g]
Cable
Cable Type
RG8
Impedance
50 Ohms
Inner Conductor Type
Stranded
Inner Conductor Material and Plating
Copper
Dielectric Type
PE (LD)
Number of Shields
1
Shield Layer 1
Copper Braid
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Male to N Male Cable Using RG8 Coax PE3570
PE3570 REV 1.0
N Male to N Male Cable Using RG8 Coax
RF Cable Assemblies Technical Data Sheet
PE3570


Similar Part No. - PE3570

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3570-12 PASTERNACK-PE3570-12 Datasheet
363Kb / 4P
N Male to N Male Cable 12 Inch Length Using RG8 Coax
PE3570-24 PASTERNACK-PE3570-24 Datasheet
363Kb / 4P
N Male to N Male Cable 24 Inch Length Using RG8 Coax
PE3570-36 PASTERNACK-PE3570-36 Datasheet
363Kb / 4P
N Male to N Male Cable 36 Inch Length Using RG8 Coax
PE3570-48 PASTERNACK-PE3570-48 Datasheet
364Kb / 4P
N Male to N Male Cable 48 Inch Length Using RG8 Coax
PE3570-60 PASTERNACK-PE3570-60 Datasheet
375Kb / 4P
N Male to N Male Cable 60 Inch Length Using RG8 Coax
More results

Similar Description - PE3570

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3570-12 PASTERNACK-PE3570-12 Datasheet
363Kb / 4P
N Male to N Male Cable 12 Inch Length Using RG8 Coax
PE3570-24 PASTERNACK-PE3570-24 Datasheet
363Kb / 4P
N Male to N Male Cable 24 Inch Length Using RG8 Coax
PE3570-36 PASTERNACK-PE3570-36 Datasheet
363Kb / 4P
N Male to N Male Cable 36 Inch Length Using RG8 Coax
PE3570-48 PASTERNACK-PE3570-48 Datasheet
364Kb / 4P
N Male to N Male Cable 48 Inch Length Using RG8 Coax
PE3570-60 PASTERNACK-PE3570-60 Datasheet
375Kb / 4P
N Male to N Male Cable 60 Inch Length Using RG8 Coax
PE3570-72 PASTERNACK-PE3570-72 Datasheet
363Kb / 4P
N Male to N Male Cable 72 Inch Length Using RG8 Coax
PE3570LF PASTERNACK-PE3570LF Datasheet
362Kb / 4P
N Male to N Male Cable Using RG8 Coax, RoHS
PE3570LF-12 PASTERNACK-PE3570LF-12 Datasheet
362Kb / 4P
N Male to N Male Cable 12 Inch Length Using RG8 Coax, RoHS
PE3570LF-60 PASTERNACK-PE3570LF-60 Datasheet
362Kb / 4P
N Male to N Male Cable 60 Inch Length Using RG8 Coax, RoHS
PE3570LF-72 PASTERNACK-PE3570LF-72 Datasheet
362Kb / 4P
N Male to N Male Cable 72 Inch Length Using RG8 Coax, RoHS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com