Electronic Components Datasheet Search
  English  ▼

X  

PE3570LF Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE3570LF
Description  N Male to N Male Cable Using RG8 Coax, RoHS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3570LF Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE3570LF Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3570LF Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3570LF Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3570LF Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
How to Order
Part Number Configuration:
PE3570LF
-
xx
uu
|
|
|
Unit of Measure:
|
|
cm = Centimeters
|
|
<blank> = Inches
|
Length
|
Base Number
Example:
PE3570LF-12 = 12 inches long cable
PE3570LF-100cm = 100 cm long cable
N Male to N Male Cable Using RG8 Coax, RoHS from Pasternack Enterprises has same day shipment for domestic and
International orders. Our RF, microwave and millimeter wave products maintain a 99% availability and are part of the
broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Male to N Male Cable Using RG8 Coax, RoHS PE3570LF
URL: http://www.pasternack.com/n-male-n-male-rg8au-cable-assembly-pe3570lf-p.aspx
PE3570LF REV
RF Cable Assemblies Technical Data Sheet
N Male to N Male Cable Using RG8 Coax, RoHS
PE3570LF



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com