Electronic Components Datasheet Search
  English  ▼

X  

SMJ27C256 Datasheet(PDF) 1 Page - SamHop Microelectronics Corp.

Part # SMJ27C256
Description  Built-in adjustable OSC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SMJ27C256 Datasheet(HTML) 1 Page - SamHop Microelectronics Corp.

  SMJ27C256 Datasheet HTML 1Page - SamHop Microelectronics Corp. SMJ27C256 Datasheet HTML 2Page - SamHop Microelectronics Corp. SMJ27C256 Datasheet HTML 3Page - SamHop Microelectronics Corp. SMJ27C256 Datasheet HTML 4Page - SamHop Microelectronics Corp. SMJ27C256 Datasheet HTML 5Page - SamHop Microelectronics Corp. SMJ27C256 Datasheet HTML 6Page - SamHop Microelectronics Corp. SMJ27C256 Datasheet HTML 7Page - SamHop Microelectronics Corp. SMJ27C256 Datasheet HTML 8Page - SamHop Microelectronics Corp. SMJ27C256 Datasheet HTML 9Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Page 1
SM7186
MAR. 2000
DESCRIPTIONS:
SM7186 is an Audio Echo Processor
using CMOS Technology. It has built-in
AD/DA and 48KBits SRAM for time delay.
External Resister adjust large range
oscillation frequency and control delay
time. Many combination to fit your
applications.
FEATURE:
* Built-in adjustable OSC.
* Built-in power on reset circuit.
* Built-in 48KBits SRAM for delay control.
* Adjustable delay time setting:
30ms ~ 700ms
* Low operating current.
APPLICATIONS:
* VCD
* Karaoke
* TV
* Audio System
* Car Stereo
* VCR
1
16
2
15
3
14
4
13
5
12
6
11
7
10
8
9
VDD
VREF
AGND
DGND
OSCO
OSCR
DACTL
ADCTL
OP1-IN
OP1-OUT
OP2-OUT
OP2-IN
DAC-OUT
DAC-IN
ADC-IN
ADC-OUT
  
三合微科股份有限公司


Similar Part No. - SMJ27C256

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
SMJ27C256 AUSTIN-SMJ27C256 Datasheet
129Kb / 11P
256K UVEPROM
SMJ27C256-15JM AUSTIN-SMJ27C256-15JM Datasheet
129Kb / 11P
256K UVEPROM
SMJ27C256-17JM AUSTIN-SMJ27C256-17JM Datasheet
129Kb / 11P
256K UVEPROM
SMJ27C256-20JM AUSTIN-SMJ27C256-20JM Datasheet
129Kb / 11P
256K UVEPROM
SMJ27C256-25JM AUSTIN-SMJ27C256-25JM Datasheet
129Kb / 11P
256K UVEPROM
More results

Similar Description - SMJ27C256

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SAP09N SANKEN-SAP09N Datasheet
46Kb / 1P
BUILT-IN TEMPERATURE COMPENSATION DIODES / BUILT-IN EMITTER RESISTOR DARLINGTON
logo
List of Unclassifed Man...
M18109A ETC1-M18109A Datasheet
28Kb / 2P
Built-in oscillator.
logo
Rohm
BU97530KVT ROHM-BU97530KVT Datasheet
1Mb / 59P
Built-in OSC circuit
logo
AAEON Technology
AEC-6977 AAEON-AEC-6977 Datasheet
244Kb / 2P
built-in tpm
logo
SPANSION
S6E2H4 SPANSION-S6E2H4 Datasheet
3Mb / 159P
fpu built-in
S6E2HE SPANSION-S6E2HE Datasheet
4Mb / 163P
fpu built-in
S6E2HG SPANSION-S6E2HG Datasheet
4Mb / 161P
fpu built-in
logo
Shenzhen Huazhimei Semi...
HM5521A HMSEMI-HM5521A Datasheet
1Mb / 9P
built-in MOSFET
HM5521AMR HMSEMI-HM5521AMR Datasheet
1Mb / 9P
built-in MOSFET
logo
MOSDESIGN SEMICONDUCTOR...
M18109A MOSDESIGN-M18109A Datasheet
26Kb / 2P
Built-in oscillator
2005-03-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com