Electronic Components Datasheet Search
  English  ▼

X  

SMP30-100 Datasheet(PDF) 4 Page - STMicroelectronics

Part # SMP30-100
Description  TELECOM EQUIPMENT PROTECTION: TRISIL
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMP30-100 Datasheet(HTML) 4 Page - STMicroelectronics

  SMP30-100 Datasheet HTML 1Page - STMicroelectronics SMP30-100 Datasheet HTML 2Page - STMicroelectronics SMP30-100 Datasheet HTML 3Page - STMicroelectronics SMP30-100 Datasheet HTML 4Page - STMicroelectronics SMP30-100 Datasheet HTML 5Page - STMicroelectronics SMP30-100 Datasheet HTML 6Page - STMicroelectronics SMP30-100 Datasheet HTML 7Page - STMicroelectronics SMP30-100 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SMP30-xxx
4/8
Type
IRM @VRM
max
IR @VR MAX
Note 1
DYNAMIC
VBO @IBO
max
Note 2
STATIC
VBO @IBO
max
Note 3
IH
min
Note 4
C
typ.
Note 5
C
typ.
Note 6
µA
V
µA
V
V
mA
V
mA
mA
pF
pF
SMP30-62
2
56
50
62
85
800
82
800
150
20
40
SMP30-68
61
68
93
90
150
20
40
SMP30-100
90
100
135
133
150
16
35
SMP30-120
108
120
160
160
150
16
30
SMP30-130
117
130
173
173
150
14
30
SMP30-180
162
180
235
240
150
14
25
SMP30-200
180
200
262
267
150
12
25
SMP30-220
198
220
285
293
150
12
25
SMP30-240
216
240
300
320
150
12
25
SMP30-270
243
270
350
360
150
12
25
Note 1:
IR measured at VR guarantee VBRmin ≥ VR
Note 2:
See functional breakover voltage test circuit 1.
Note 3:
See test circuit 2.
Note 4:
See functional holding current test circuit 3.
Note 5:
VR = 50V bias,VRMS = 1V, F = 1MHz.
Note 6:
VR = 2V bias, VRMS = 1V, F = 1MHz
ELECTRICAL PARAMETERS (Tamb = 25°C)
1E-2
1E-1
1E+0
1E+1
1E+2
1E+3
0
5
10
15
20
F=50Hz
t(S)
I
(A)
TSM
Fig. 1: Non repetitive surge peak on-state current
versus overload duration (Tj initial = 25°C)
01
234
56
789
10
1
2
5
10
20
50
V (V)
T
I (A)
T
Tj=25°C
Fig. 2: On-state voltage versus on-state current
(typical values).



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com