Electronic Components Datasheet Search
  English  ▼

X  

JCS15N60H Datasheet(PDF) 7 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # JCS15N60H
Description  N-CHANNEL MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

JCS15N60H Datasheet(HTML) 7 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Back Button JCS15N60H Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS15N60H Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS15N60H Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS15N60H Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS15N60H Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS15N60H Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS15N60H Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS15N60H Datasheet HTML 9Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS15N60H Datasheet HTML 10Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
R
JCS15N60H
版本:201507C
7/10
特征曲线 ELECTRICAL CHARACTERISTICS (curves)
1E-5
1E-4
1E-3
0.01
0.1
1
10
100
0.01
0.1
1
t2
t1
D=0.5
0.2
0.1
0.05
0.02
t
1 Square Wave Pulse Duration [sec]
single pulse
0.01
Notes:
1 Zθ JC(t)=3.5℃/W Max
2 Duty Factor, D=t1/t2
3 TJM-Tc=PDM* Zθ JC(t)
P
DM
1E-5
1E-4
1E-3
0.01
0.1
1
10
0.01
0.1
1
t2
t1
D=0.5
0.2
0.1
0.05
0.02
t
1 Square Wave Pulse Duration [sec]
single pulse
0.01
Notes:
1 Zθ JC(t)=0.7℃/W Max
2 Duty Factor, D=t1/t2
3 TJM-Tc=PDM* Zθ JC(t)
P
DM
Transient Thermal Response Curve
For JCS15N60FH
Transient Thermal Response Curve
For JCS15N60CH



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com