Electronic Components Datasheet Search
  English  ▼

X  

SMP30-270 Datasheet(PDF) 6 Page - STMicroelectronics

Part # SMP30-270
Description  TELECOM EQUIPMENT PROTECTION: TRISIL
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMP30-270 Datasheet(HTML) 6 Page - STMicroelectronics

  SMP30-270 Datasheet HTML 1Page - STMicroelectronics SMP30-270 Datasheet HTML 2Page - STMicroelectronics SMP30-270 Datasheet HTML 3Page - STMicroelectronics SMP30-270 Datasheet HTML 4Page - STMicroelectronics SMP30-270 Datasheet HTML 5Page - STMicroelectronics SMP30-270 Datasheet HTML 6Page - STMicroelectronics SMP30-270 Datasheet HTML 7Page - STMicroelectronics SMP30-270 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
SMP30-xxx
6/8
100 V / µs, di/dt < 10 A / µs, Ipp = 30A
U
10 µF
2
Ω
45
Ω
66
Ω
470
Ω
83
Ω
0.36 nF
46 µH
Key Tek ‘System 2’ generator with PN246I module
1 kV / µs, di/dt < 10 A / µs, Ipp = 10 A
U
60 µF
26 µH
12
Ω
250
Ω
46 µH
47
Ω
Key Tek ‘System 2’ generator with PN246I module
TEST CIRCUIT 1 FOR DYNAMIC IBO and VBO PARAMETERS
TEST CIRCUIT 2 for IBO AND VBO PARAMETERS.
220V 50Hz
1/4
R1 = 140
Ω
R2 = 240
Ω
K
ton = 20ms
IBO
measurement
VBO
measurement
Vout
DUT
TEST PROCEDURE :
s
Pulse test duration (tp = 20ms):
- For Bidirectional devices = Switch K is closed
- For Unidirectional devices = Switch K is open.
s
VOUT Selection
- Device with VBO
< 200 Volt
-VOUT = 250 VRMS,R1 = 140
Ω.
- Device with VBO
≥ 200 Volt
-VOUT = 480 VRMS,R2 = 240
Ω.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com