Electronic Components Datasheet Search
  English  ▼

X  

SSC100 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SSC100
Description  FC-AL Embedded Controller
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SSC100 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SSC100 Datasheet HTML 1Page - List of Unclassifed Manufacturers SSC100 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SSC100
FC-AL Embedded
Controller
Product Brief
Overview
The SSC100 is a Fibre Channel NL_Port integrated
circuit tailored for embedded control applications.
When used in conjunction with Vitesse's SSC050 or
VSC055 Backplane Controller, the two devices
create a chip set solution, which scales to meet
system designer's requirements for in-band FC-AL
enclosure management. The SSC100 allows system
designers to take advantage of the connectivity
benefits of Fibre Channel such as cable distance and
addressing when designing systems dependent on
remote embedded control. An embedded 53Mhz, 32-
bit RISC processor provides a processing platform for
monitoring
and
control
firmware.
The
SSC100
includes three, I
2C serial interface bus master
controllers, which allow system designers to use cost
effective, off-the-shelf instrumentation and control
devices. Two UARTs assist firmware development
and out-of-band communication.
Device Features
• Integrated 1Gb/s Serial Transceiver
• Three I2C Serial Interface Controllers
• 32-bit, 53Mhz RISC CPU w/debug port
• Private Loop Direct Attach Profile
• IPMI 1.0 Compatible
• RS-232 Monitor Port
• Four External 1MB Address Ranges
• External Flash and/or SRAM (60ns to 250ns)
• Internal 4KB SRAM
• Eight Programmable General Purpose I/Os
• 100 PQFP Package
Software Development Kit Features
• Modular architecture to support migration to other
I/O technologies and protocols.
• Extensive peripheral device library
• Sample Personality Module source code
Drive Bay 1
Drive Bay 2
Drive Bay 3
Drive Bay 4
VSC7122
VITESSE
Backplane
Controller
(VSC055)
Local I/O (x8)
VITESSE
Embedded
Controller
(SSC100)
Temperature
Sensor (LM75)
Flash
(64K x 8)
I2C Serial
Interface
PBC_EN1
PBC_EN2
PBC_EN3
PBC_EN4
Power Supplies
LEDs (x8)
PBC_EN
Fans (x4)
Cu or
Optics
X24C16
EEPROM
VSC7120
PBC_EN
Application for a Single Loop, Single Controller with Four Drives


Similar Part No. - SSC100

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
SSC1000-25 CRYDOM-SSC1000-25 Datasheet
536Kb / 4P
panel mount
SSC1000-25-12 CRYDOM-SSC1000-25-12 Datasheet
1Mb / 20P
THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
SSC1000-25-24 CRYDOM-SSC1000-25-24 Datasheet
1Mb / 20P
THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
SSC1000-25-36 CRYDOM-SSC1000-25-36 Datasheet
1Mb / 20P
THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
logo
Clarke International
SSC1000G CLARKE-SSC1000G Datasheet
3Mb / 16P
STRUT SPRING COMPRESSOR
GC0721 rev 1
More results

Similar Description - SSC100

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB86831 FUJITSU-MB86831 Datasheet
1Mb / 82P
32-bit Embedded Controller
logo
PMC-Sierra, Inc
PM8372 PMC-PM8372 Datasheet
279Kb / 2P
4-Port FC/GE Retimer and FC-AL Port Bypass Controller
logo
Fuji Electric
EDS11-76D FUJI-EDS11-76D Datasheet
400Kb / 7P
FC SERIES TRANSMISSION CONTROLLER
logo
EPCOS
S1D13705F00A200 EPCOS-S1D13705F00A200 Datasheet
4Mb / 562P
Embedded Memory LCD Controller
logo
AAEON Technology
AEC-6643 AAEON-AEC-6643_15 Datasheet
286Kb / 2P
Embedded Controller
logo
Texas Instruments
SCANPSC100F TI1-SCANPSC100F Datasheet
573Kb / 28P
Embedded Boundary Scan Controller
logo
ITE Tech.Inc.
IT8512E ITE-IT8512E Datasheet
3Mb / 335P
Embedded Controller
logo
WIZnet Co., Ltd
W5100S WIZNET-W5100S Datasheet
2Mb / 110P
embedded Ethernet controller
logo
Microchip Technology
CEC1712 MICROCHIP-CEC1712 Datasheet
3Mb / 338P
Cryptographic Embedded Controller
02/28/20
logo
List of Unclassifed Man...
IT8510E ETC2-IT8510E Datasheet
2Mb / 284P
Embedded Controller
5/6/2005
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com