Electronic Components Datasheet Search
  English  ▼

X  

SSD1801AV Datasheet(PDF) 32 Page - List of Unclassifed Manufacturers

Part # SSD1801AV
Description  LCD Segment / Common Driver with Controller for Character Display System
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SSD1801AV Datasheet(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button SSD1801AV Datasheet HTML 28Page - List of Unclassifed Manufacturers SSD1801AV Datasheet HTML 29Page - List of Unclassifed Manufacturers SSD1801AV Datasheet HTML 30Page - List of Unclassifed Manufacturers SSD1801AV Datasheet HTML 31Page - List of Unclassifed Manufacturers SSD1801AV Datasheet HTML 32Page - List of Unclassifed Manufacturers SSD1801AV Datasheet HTML 33Page - List of Unclassifed Manufacturers SSD1801AV Datasheet HTML 34Page - List of Unclassifed Manufacturers SSD1801AV Datasheet HTML 35Page - List of Unclassifed Manufacturers SSD1801AV Datasheet HTML 36Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 42 page
background image
SSD1801 Series
Rev 1.1
01/2003
SOLOMON
31
DC CHARACTERISTICS
Table 12 - DC Characteristics (Unless otherwise specified, Voltage Referenced to VSS, VDD = 2.4 to
3.6V, TA = -30 to 85°C.)
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
DVDD
AVDD
Logic and Analog Circuit
Supply Voltage Range
(Absolute value referenced to
DVss and AVss)
2.4
2.7
3.6
V
IDD1
IDD2
ISB
Display Operation Supply
Current Drain
Access operation from MPU
Supply Current Drain
Standby Mode Supply Current
VDD = 3V, TA = 25°C
VLCD = 5.8V without load
No access from MPU
VDD = 3V, TA = 25°C
fcyc = 200kHz
Current No load
Oscillator OFF
Power Save ON
-
-
-
-
-
-
85
500
5
µA
µA
µA
VLCD
VOUT
LCD Driving Voltage Input
Voltage Converter Output
Voltage
VLCD = VL6 - VSS
TA = 25°C, C = 1uF
4
AVDD
-
-
5.8
5.8
V
V
VIH
VIL
Logic High Input Voltage
Logic Low Input Voltage
0.8*DVDD
0
-
-
DVDD
0.2*DVDD
V
V
VOH
VOL
VL6
VL6
Logic High Output Voltage
Logic Low Output Voltage
LCD Driving Voltage Source
(VL6)
LCD Driving Voltage Source
(VL6)
IOH = -1mA, VDD = 2.4V
IOL = 1mA, VDD = 2.4V
Regulator Enable (VL6 voltage
depends on contrast control/
external resistors network)
Regulator Disable
DVDD – 0.4
-
AVSS - 0.5
-
-
-
-
Floating
-
0.4
Vout
-
V
V
V
V
VL6
VL5
VL4
VL3
VL2
VL6
VL5
VL4
VL3
VL2
LCD Display Voltage Output
(V L5, VL4, VL3, VL2)
LCD Display Voltage Output
(V L5, VL4, VL3, VL2)
Voltage reference to AVSS,
Bias Divider Enabled, 1:a
bias ratio
Voltage reference to AVSS,
External Voltage Generator,
Bias Divider Disable
-
-
-
-
-
VL5
VL4
VL3
VL2
VSS
VL6
(a-1)/a * VL6
(a-2)/a * VL6
2/a * VL6
1/a * VL6
-
-
-
-
-
-
-
-
-
-
5.8
VL6
VL5
VL4
VL3
V
V
V
V
V
V
V
V
V
V
IOH
IOL
IOZ
Logic High Output Current
Source
Logic Low Output Current
Drain
Logic Output Tri-state Current
Drain Source
VOUT = VDD - 0.4V
VOUT = 0.4V
50
-
-1
-
-
-
-
-50
1
µA
µA
µA
IIL/ IIH
Logic Input Current
-1
-
1
µA
CIN
Logic Pins Input Capacitance
-
5
7.5
PF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com