Electronic Components Datasheet Search
  English  ▼

X  

STP4410 Datasheet(PDF) 2 Page - SamHop Microelectronics Corp.

Part # STP4410
Description  N-Channel Logic Level Enhancement Mode Field Effect Transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STP4410 Datasheet(HTML) 2 Page - SamHop Microelectronics Corp.

  STP4410 Datasheet HTML 1Page - SamHop Microelectronics Corp. STP4410 Datasheet HTML 2Page - SamHop Microelectronics Corp. STP4410 Datasheet HTML 3Page - SamHop Microelectronics Corp. STP4410 Datasheet HTML 4Page - SamHop Microelectronics Corp. STP4410 Datasheet HTML 5Page - SamHop Microelectronics Corp. STP4410 Datasheet HTML 6Page - SamHop Microelectronics Corp. STP4410 Datasheet HTML 7Page - SamHop Microelectronics Corp. STP4410 Datasheet HTML 8Page - SamHop Microelectronics Corp. STP4410 Datasheet HTML 9Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
4 Symbol
Min
Typ
Max
Units
BVDSS
100
V
1
IGSS
±100
nA
VGS(th)
2
V
7.0
gFS
74
S
VSD
CISS
3715
pF
COSS
515
pF
CRSS
315
pF
Qg
116
nC
147
nC
Qgs
113
nC
Qgd
37
tD(ON)
58
ns
tr
9.5
ns
tD(OFF)
26
ns
tf
ns
Gate-Drain Charge
VDS=25V,VGS=0V
SWITCHING CHARACTERISTICS
Gate-Source Charge
VDD=50V
ID=1A
VGS=10V
RGEN= 6 ohm
Total Gate Charge
Rise Time
Turn-Off DelayTime
VDS=50V,ID=25A,VGS=10V
Fall Time
Turn-On DelayTime
m ohm
VGS=10V , ID=37.5A
VDS=10V , ID=37.5A
Input Capacitance
Output Capacitance
DYNAMIC CHARACTERISTICS
RDS(ON)
Drain-Source On-State Resistance
Forward Transconductance
Diode Forward Voltage
IDSS
uA
Gate Threshold Voltage
VDS=VGS , ID=250uA
VDS=80V , VGS=0V
VGS= ±20V , VDS=0V
Zero Gate Voltage Drain Current
Gate-Body leakage current
ELECTRICAL CHARACTERISTICS (TC=25°C unless otherwise noted)
OFF CHARACTERISTICS
Parameter
Conditions
Drain-Source Breakdown Voltage
VGS=0V , ID=250uA
Reverse Transfer Capacitance
ON CHARACTERISTICS
4
9.0
b
f=1.0MHz
b
VDS=50V,ID=25A,
VGS=10V
DRAIN-SOURCE DIODE CHARACTERISTICS
VGS=0V,IS=10A
0.77
1.3
V
Notes
STB4410
STP4410
www.samhop.com.tw
Dec,26,2014
2
3
Ver 1.0
a.Pulse Test:Pulse Width < 10us, Duty Cycle < 1%.
b.Guaranteed by design, not subject to production testing.
c.Drain current limited by maximum junction temperature.
d.Starting TJ=25°C,L=0.5mH,VDD = 50V.(See Figure13)
e.Mounted on FR4 Board of 1 inch2 , 2oz.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com