Electronic Components Datasheet Search
  English  ▼

X  

TCMD1000 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # TCMD1000
Description  Optocoupler with Photodarlington Output
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCMD1000 Datasheet(HTML) 5 Page - Vishay Siliconix

  TCMD1000 Datasheet HTML 1Page - Vishay Siliconix TCMD1000 Datasheet HTML 2Page - Vishay Siliconix TCMD1000 Datasheet HTML 3Page - Vishay Siliconix TCMD1000 Datasheet HTML 4Page - Vishay Siliconix TCMD1000 Datasheet HTML 5Page - Vishay Siliconix TCMD1000 Datasheet HTML 6Page - Vishay Siliconix TCMD1000 Datasheet HTML 7Page - Vishay Siliconix TCMD1000 Datasheet HTML 8Page - Vishay Siliconix TCMD1000 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
TCMD10.. Series
Vishay Semiconductors
5 (12)
www.vishay.com
Document Number 83513
Rev. A2, 15–Dec–00
Typical Characteristics (Tamb = 25_C, unless otherwise specified)
0.8
0.9
1.0
1.1
1.2
1.3
0
2040
6080
100
Tamb – Ambient Temperature ( °C )
14389
IF=10mA
Figure 3. Forward Voltage vs. Ambient Temperature
0.1
1.0
10.0
100.0
1000.0
0
0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
VF – Forward Voltage ( V )
14390
Figure 4. Forward Current vs. Forward Voltage
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
–30–20–10 0 10 20 30 40 50 60 70 80 90 100
Tamb – Ambient Temperature ( °C )
14391
VCE=5V
IF=1mA
Figure 5. Relative Current Transfer Ratio vs.
Ambient Temperature
1
10
100
1000
10000
100000
20
30
40
50
60
70
80
90
100
Tamb – Ambient Temperature ( °C )
14392
VCE=10V
IF=0
Figure 6. Collector Dark Current vs. Ambient Temperature
0.1
1.0
10.0
100.0
1000.0
0.1
1.0
10.0
100.0
IF – Forward Current ( mA )
14393
VCE=2V
Figure 7. Collector Current vs. Forward Current
0.1
1.0
10.0
100.0
0.1
1.0
10.0
100.0
VCE – Collector Emitter Voltage ( V )
14394
1mA
0.5mA
0.2mA
0.1mA
IF=2mA
Figure 8. Collector Current vs. Collector Emitter Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com