Electronic Components Datasheet Search
  English  ▼

X  

TCMD4000 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TCMD4000
Description  Optocoupler with Photodarlington Output
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCMD4000 Datasheet(HTML) 1 Page - Vishay Siliconix

  TCMD4000 Datasheet HTML 1Page - Vishay Siliconix TCMD4000 Datasheet HTML 2Page - Vishay Siliconix TCMD4000 Datasheet HTML 3Page - Vishay Siliconix TCMD4000 Datasheet HTML 4Page - Vishay Siliconix TCMD4000 Datasheet HTML 5Page - Vishay Siliconix TCMD4000 Datasheet HTML 6Page - Vishay Siliconix TCMD4000 Datasheet HTML 7Page - Vishay Siliconix TCMD4000 Datasheet HTML 8Page - Vishay Siliconix TCMD4000 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TCMD10.. Series
Vishay Semiconductors
1 (12)
www.vishay.com
Document Number 83513
Rev. A2, 15–Dec–00
Optocoupler with Photodarlington Output
Description
The TCMD10.. Series consist of a photodarlington
optically coupled to a gallium arsenide infrared-
emitting diodes in an 4- lead up to 16- lead plastic
Miniflat package.
The elements are mounted on one leadframe using a
coplanar technique, providing a fixed distance
between
input
and
output
for
highest
safety
requirements.
Applications
Programmable logic controllers, modems, answering
machines, general applications
Features
D Low profile package (half pitch)
D AC Isolation test voltage Vio = 3.75 kVRMS
D Low coupling capacitance of typical 0.3 pF
D Low temperature coefficient of CTR
D Wide ambient temperature range
D Underwriters Laboratory (UL) 1577 recognized,
file number E-76222
D CSA (C-UL) 1577 recognized
file number E- 76222 - Double Protection
D Coupling System M
16467
Coll. Emitter
Anode Cath.
4 PIN
16 PIN
12
8
9
C
Order Instruction
Ordering Code
CTR Ranking
Remarks
TCMD1000
>600%
4 Pin = Single channel
TCMD4000
>600%
16 Pin = Quad channel


Similar Part No. - TCMD4000

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCMD4000 VISHAY-TCMD4000 Datasheet
377Kb / 7P
Optocoupler, Photodarlington Output, High Gain, Single/Quad Channel, Half Pitch Mini-Flat Package
26-Oct-04
TCMD4000 VISHAY-TCMD4000 Datasheet
265Kb / 7P
Optocoupler, Photodarlington Output, High Gain, Single/Quad Channel, Half Pitch Mini-Flat Package
11-Jan-08
TCMD4000 VISHAY-TCMD4000 Datasheet
206Kb / 7P
Optocoupler, Photodarlington Output, High Gain, Single/Quad Channel, Half Pitch Mini-Flat Package
25-Oct-12
TCMD4000 VISHAY-TCMD4000_08 Datasheet
265Kb / 7P
Optocoupler, Photodarlington Output, High Gain, Single/Quad Channel, Half Pitch Mini-Flat Package
11-Jan-08
More results

Similar Description - TCMD4000

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
4N32 VISHAY-4N32 Datasheet
90Kb / 7P
Optocoupler with Photodarlington Output
26-Jan-05
K815P VISHAY-K815P Datasheet
172Kb / 9P
Optocoupler with Photodarlington Output
29-Jun-99
TCED1100 VISHAY-TCED1100 Datasheet
207Kb / 9P
Optocoupler with Photodarlington Output
11-Jan-99
TCLD1000 VISHAY-TCLD1000 Datasheet
298Kb / 10P
Optocoupler with Photodarlington Output
19-Mar-01
SFH612A VISHAY-SFH612A Datasheet
118Kb / 7P
Optocoupler, Photodarlington Output
26-Oct-04
IL30 VISHAY-IL30_07 Datasheet
175Kb / 9P
Optocoupler, Photodarlington Output
14-Dec-07
K815P VISHAY-K815P_12 Datasheet
129Kb / 6P
Optocoupler, Photodarlington Output
24-Sep-12
K851P VISHAY-K851P Datasheet
129Kb / 6P
Optocoupler, Photodarlington Output
24-Sep-12
K845P VISHAY-K845P_V01 Datasheet
126Kb / 6P
Optocoupler, Photodarlington Output
24-Sep-12
K815P VISHAY-K815P_V02 Datasheet
126Kb / 6P
Optocoupler, Photodarlington Output
24-Sep-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com