Electronic Components Datasheet Search
  English  ▼

X  

PE33073 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE33073
Description  Cable ASsembly
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE33073 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE33073 Datasheet HTML 1Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 1 page
background image
2
Jacket Material
FEP, Tan
Jacket Diameter
0.098 in [2.49 mm]
.
Connectors
Description
Connector 1
Connector 2
Type
SMA Male Right Angle
TNC Female Bulkhead
Specification
MIL-STD-348A
MIL-STD-348A
Impedance
50 Ohms
50 Ohms
Contact Material and Plating
Brass, Gold
Brass, Gold
Contact Plating Specification
50µ in. minimum
30µ in. minimum
Dielectric Type
Teflon
Teflon
Hex Size
5/16 in
Torque
5 in-lbs [0.57 Nm]
Body Material and Plating
Brass, Nickel
Brass, Nickel
Body Plating Specification
100µ in. minimum
100µ in. minimum
.
Compliance Certifications (visit www.Pasternack.com for current document)
For RoHS Compliant version, use PE33073LF. Contact Pasternack if product cannot be found.
REACH Compliant
06/18/2012
Plotted and Other Data
Notes:
• Values at 25°C, sea level.
PE33073 REV 1.1
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male Right Angle to TNC Female Bulkhead Cable Using RG316 Coax PE33073
RF Cable Assemblies Technical Data Sheet
PE33073
SMA Male Right Angle to TNC Female
Bulkhead Cable Using RG316 Coax



Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com