Electronic Components Datasheet Search
  English  ▼

X  

PE33073 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE33073
Description  Cable ASsembly
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE33073 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE33073 Datasheet HTML 1Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
Configuration
• Connector 1: SMA Male Right Angle
• Connector 2: TNC Female Bulkhead
• Cable Type: RG316
.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
3
GHz
VSWR
1.4:1
Capacitance
32 [104.99]
pF/ft [pF/m]
.
Specifications by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency
0.1
0.25
0.5
1
3
GHz
Insertion Loss (Typ.)
0.31
0.36
0.438
0.58
0.78
dB/ft
[1.02]
[1.18]
[1.44]
[1.9]
[2.56]
[dB/m]
VSWR (Max.)
1.4:1
1.4:1
1.4:1
1.4:1
Return Loss (Max.)
15.56
15.563
15.563
15.563
dB
.
Mechanical Specifications
Cable Assembly
Diameter
0.689 in [17.5 mm]
.
Weight
0.066 lbs [29.94 g]
Cable
Cable Type
RG316
Impedance
50 Ohms
Inner Conductor Type
Stranded
Inner Conductor Material and Plating
Copper Clad Steel, Silver
Dielectric Type
PTFE
Number of Shields
1
Shield Layer 1
Silver Plated Copper Braid
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male Right Angle to TNC Female Bulkhead Cable Using RG316 Coax PE33073
PE33073 REV 1.1
SMA Male Right Angle to TNC Female
Bulkhead Cable Using RG316 Coax
RF Cable Assemblies Technical Data Sheet
PE33073


Similar Part No. - PE33073

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE33073-12 PASTERNACK-PE33073-12 Datasheet
361Kb / 1P
Cable ASsembly
PE33073-24 PASTERNACK-PE33073-24 Datasheet
361Kb / 1P
Cable ASsembly
PE33073-36 PASTERNACK-PE33073-36 Datasheet
361Kb / 1P
Cable ASsembly
PE33073-48 PASTERNACK-PE33073-48 Datasheet
362Kb / 1P
Cable ASsembly
PE33073-60 PASTERNACK-PE33073-60 Datasheet
361Kb / 1P
Cable ASsembly
More results

Similar Description - PE33073

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
CNX-310 MARL-CNX-310_15 Datasheet
25Kb / 1P
CABLE ASSEMBLY
CNX-410 MARL-CNX-410_15 Datasheet
1Mb / 1P
CABLE ASSEMBLY
logo
Rosenberger Hochfrequen...
L99-346-3000 ROSENBERGER-L99-346-3000 Datasheet
639Kb / 3P
Cable Assembly
LE3-006-160-NM ROSENBERGER-LE3-006-160-NM Datasheet
212Kb / 4P
Cable assembly
LH1-053-80-NM ROSENBERGER-LH1-053-80-NM Datasheet
72Kb / 2P
CABLE ASSEMBLY
LA2-020-3000 ROSENBERGER-LA2-020-3000 Datasheet
164Kb / 2P
Cable assembly
LU7-071-500 ROSENBERGER-LU7-071-500 Datasheet
623Kb / 1P
Cable assembly
LD5-216-XXXX-Y-Y ROSENBERGER-LD5-216-XXXX-Y-Y Datasheet
122Kb / 2P
CABLE ASSEMBLY
LU1-034-600 ROSENBERGER-LU1-034-600 Datasheet
568Kb / 2P
Cable assembly
logo
JFW Industries, Inc.
016-107-XX JFW-016-107-XX Datasheet
67Kb / 1P
CABLE ASSEMBLY
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com