Electronic Components Datasheet Search
  English  ▼

X  

SSL-LX22R13ID Datasheet(PDF) 1 Page - LUMEX INC.

Part # SSL-LX22R13ID
Description  22mm Diameter 6 CHIP JUMBO LED LAMP
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMEX [LUMEX INC.]
Direct Link  http://www.lumex.com
Logo LUMEX - LUMEX INC.

SSL-LX22R13ID Datasheet(HTML) 1 Page - LUMEX INC.

  SSL-LX22R13ID Datasheet HTML 1Page - LUMEX INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - SSL-LX22R13ID

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
SSL-LX22R13GD LUMEX-SSL-LX22R13GD Datasheet
48Kb / 1P
22mm Diameter 6 CHIP JUMBO LED LAMP
SSL-LX22R13SID LUMEX-SSL-LX22R13SID Datasheet
52Kb / 1P
22mm Diameter 6 CHIP JUMBO LED LAMP
SSL-LX22R13SUGD LUMEX-SSL-LX22R13SUGD Datasheet
630Kb / 1P
22mm Diameter LAMP, 12 PINS
SSL-LX22R13YD LUMEX-SSL-LX22R13YD Datasheet
48Kb / 1P
22mm JUMBO LED LAMP, SIX 585mm YELLOW CHIPS
More results

Similar Description - SSL-LX22R13ID

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
SSL-LX20R6GD LUMEX-SSL-LX20R6GD Datasheet
53Kb / 1P
22mm Diameter 6 CHIP JUMBO LED LAMP
SSL-LX20R6ID LUMEX-SSL-LX20R6ID Datasheet
53Kb / 1P
22mm Diameter 6 CHIP JUMBO LED LAMP
SSL-LX20R6SID LUMEX-SSL-LX20R6SID Datasheet
51Kb / 1P
22mm Diameter 6 CHIP JUMBO LED LAMP
SSL-LX20R6SOD LUMEX-SSL-LX20R6SOD Datasheet
51Kb / 1P
22mm Diameter 6 CHIP JUMBO LED LAMP
SSL-LX20R6SUGD LUMEX-SSL-LX20R6SUGD Datasheet
67Kb / 1P
22mm Diameter 6 CHIP JUMBO LED LAMP
SSL-LX20R6SYD LUMEX-SSL-LX20R6SYD Datasheet
51Kb / 1P
22mm Diameter 6 CHIP JUMBO LED LAMP
SSL-LX20R6USBD LUMEX-SSL-LX20R6USBD Datasheet
53Kb / 1P
22mm Diameter 6 CHIP JUMBO LED LAMP
SSL-LX20R6USBD-CL8 LUMEX-SSL-LX20R6USBD-CL8 Datasheet
52Kb / 1P
22mm Diameter 6 CHIP JUMBO LED LAMP
SSL-LX20R6YD LUMEX-SSL-LX20R6YD Datasheet
53Kb / 1P
22mm Diameter 6 CHIP JUMBO LED LAMP
SSL-LX22R13SID LUMEX-SSL-LX22R13SID Datasheet
52Kb / 1P
22mm Diameter 6 CHIP JUMBO LED LAMP
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com