Electronic Components Datasheet Search
  English  ▼

X  

TPC6002 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TPC6002
Description  TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSII)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPC6002 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TPC6002 Datasheet HTML 1Page - Toshiba Semiconductor TPC6002 Datasheet HTML 2Page - Toshiba Semiconductor TPC6002 Datasheet HTML 3Page - Toshiba Semiconductor TPC6002 Datasheet HTML 4Page - Toshiba Semiconductor TPC6002 Datasheet HTML 5Page - Toshiba Semiconductor TPC6002 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TPC6002
2001-11-07
5
rth - tw
Pulse tw (S)
Safe operating area
Drain-source voltage VDS (V)
0.001
0.01
0.03
0.1
0.3
1
3
10
100
30
0.003
0.01
0.03
0.1
0.3
10
1
3
100
30
*: Single nonrepetitive pulse
Ta
= 25°C
Curves must be derated
linearly with increase in
temperature
ID max (pulsed)*
10 ms*
1 ms*
VDSS
max
0.1
0.001
0.01
0.1
10
100
1000
1
0.3
3
30
100
300
1000
Single pulse
Device mounted on a glass-
epoxy board (b) (Note 2b)
1
Device mounted on a glass-
epoxy board (a) (Note 2a)
10



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com