Electronic Components Datasheet Search
  English  ▼

X  

PE3930LF Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE3930LF
Description  3/4 inch-20 Twinax Male to 3/4 inch-20 Twinax Male Cable
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3930LF Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3930LF Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3930LF Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3930LF Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3930LF Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
1
Configuration
Connector 1
3/4”-20 Twinax Male
Connector 2
3/4”-20 Twinax Male
Cable Type
PE-S330
Electrical Specifications
Frequency Range
DC to 400 MHz
Impedance
95 Ohms
Performance by Frequency
Frequency 1
Frequency
50 MHz
Insertion Loss
0.3 dB/ft [0.98 dB/m]
Frequency 2
Frequency
100 MHz
Insertion Loss
0.43 dB/ft [1.41 dB/m]
Frequency 3
Frequency
200 MHz
Insertion Loss
0.66 dB/ft [2.17 dB/m]
Frequency 4
Frequency
400 MHz
Insertion Loss
0.102 dB/ft [0.33 dB/m]
Mechanical Specifications
Size
Diameter
0.866 in [22 mm]
.
Weight
0.373 lbs [169.19 g]
Cable Color
Black
Cable
Cable Type
PE-S330
Inner Conductor Type
Stranded
Cable Inner Conductor
Copper, Tin
No of Shields
2
Dielectric Type
PE
Jacket Material
PVC
Jacket Diameter
0.33 in [8.38 mm]
Connector 1
Type
3/4”-20 Twinax Male
Configuration
Straight
Inner Conductor Material and Plating
Brass, Gold
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventoryandcertifications: 3/4 inch-20 Twinax Male to 3/4 inch-20 Twinax Male Cable Using 100 Ohm PE-S330 Coax,
RoHS PE3930LF
PE3930LF REV
PE3930LF
3/4 inch-20 Twinax Male to 3/4 inch-20 Twinax Male
Cable Using 100 Ohm PE-S330 Coax, RoHS


Similar Part No. - PE3930LF

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3930LF PASTERNACK-PE3930LF Datasheet
119Kb / 1P
3/4"-20 THREADED TWINAX MALE TO, 3/4"-20 THREADED TWINAX MALE, 100 OHM, PE-S330 TWINAXIAL CABLE
PE3930LF-120 PASTERNACK-PE3930LF-120 Datasheet
365Kb / 4P
3/4 inch-20 Twinax Male to 3/4 inch-20 Twinax Male Cable 120 Inch Length
PE3930LF-1200 PASTERNACK-PE3930LF-1200 Datasheet
365Kb / 4P
3/4 inch-20 Twinax Male to 3/4 inch-20 Twinax Male Cable 1200 Inch Length
PE3930LF-18 PASTERNACK-PE3930LF-18 Datasheet
366Kb / 4P
3/4 inch-20 Twinax Male to 3/4 inch-20 Twinax Male Cable 18 Inch Length
PE3930LF-180 PASTERNACK-PE3930LF-180 Datasheet
366Kb / 4P
3/4 inch-20 Twinax Male to 3/4 inch-20 Twinax Male Cable 180 Inch Length
More results

Similar Description - PE3930LF

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3930 PASTERNACK-PE3930_15 Datasheet
364Kb / 4P
3/4 inch-20 Twinax Male to 3/4 inch-20 Twinax Male Cable
PE3930-18 PASTERNACK-PE3930-18 Datasheet
365Kb / 4P
3/4 inch-20 Twinax Male to 3/4 inch-20 Twinax Male Cable 18 Inch Length
PE3930-60 PASTERNACK-PE3930-60 Datasheet
365Kb / 4P
3/4 inch-20 Twinax Male to 3/4 inch-20 Twinax Male Cable 60 Inch Length
PE3930-120 PASTERNACK-PE3930-120 Datasheet
365Kb / 4P
3/4 inch-20 Twinax Male to 3/4 inch-20 Twinax Male Cable 120 Inch Length
PE3930-300 PASTERNACK-PE3930-300 Datasheet
365Kb / 4P
3/4 inch-20 Twinax Male to 3/4 inch-20 Twinax Male Cable 300 Inch Length
PE3930LF-60 PASTERNACK-PE3930LF-60 Datasheet
366Kb / 4P
3/4 inch-20 Twinax Male to 3/4 inch-20 Twinax Male Cable 60 Inch Length
PE3930LF-180 PASTERNACK-PE3930LF-180 Datasheet
366Kb / 4P
3/4 inch-20 Twinax Male to 3/4 inch-20 Twinax Male Cable 180 Inch Length
PE3930LF-300 PASTERNACK-PE3930LF-300 Datasheet
365Kb / 4P
3/4 inch-20 Twinax Male to 3/4 inch-20 Twinax Male Cable 300 Inch Length
PE3930LF-900 PASTERNACK-PE3930LF-900 Datasheet
365Kb / 4P
3/4 inch-20 Twinax Male to 3/4 inch-20 Twinax Male Cable 900 Inch Length
PE3930LF-1200 PASTERNACK-PE3930LF-1200 Datasheet
365Kb / 4P
3/4 inch-20 Twinax Male to 3/4 inch-20 Twinax Male Cable 1200 Inch Length
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com