Electronic Components Datasheet Search
  English  ▼

X  

TT2170LS Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # TT2170LS
Description  Color TV Horizontal Deflection Output Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

TT2170LS Datasheet(HTML) 1 Page - Sanyo Semicon Device

  TT2170LS Datasheet HTML 1Page - Sanyo Semicon Device TT2170LS Datasheet HTML 2Page - Sanyo Semicon Device TT2170LS Datasheet HTML 3Page - Sanyo Semicon Device TT2170LS Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TT2170LS
No.7670-1/4
Features
•
High speed.
•
High breakdown voltage(VCBO=1500V).
•
High reliability(Adoption of HVP process).
•
Adoption of MBIT process.
•
On-chip damper diode.
Specifications
Absolute Maximum Ratings at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
1500
V
Collector-to-Emitter Voltage
VCEO
800
V
Emitter-to-Base Voltage
VEBO
5V
Collector Current
IC
5A
Collector Current (Pulse)
ICP
12
A
Collector Dissipation
PC
2.0
W
Tc=25
°C25
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Collector Cutoff Current
ICBO
VCB=800V, IE=0
10
µA
Collector Cutoff Current
ICES
VCE=1500V, RBE=0
1.0
mA
Collector Sustain Voltage
VCEO(sus)
IC=100mA, IB=0
800
V
Emitter Cutoff Current
IEBO
VBE=4V, IC=0
40
130
mA
Continued on next page.
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Ordering number : ENN7670
Package Dimensions
unit : mm
2079D
[TT2170LS]
42004KC TS IM TA-100822
NPN Triple Diffused Planar Silicon Transistor
1 : Base
2 : Collector
3 : Emitter
SANYO : TO-220FI(LS)
0.7
2.55
2.55
1.2
0.9
0.75
1.2
4.5
2.8
12 3
10.0
3.2
Color TV Horizontal Deflection
Output Applications
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft's
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
TT2170LS


Similar Part No. - TT2170LS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TT21 ETC2-TT21 Datasheet
988Kb / 20P
BEAM TETRODES
logo
eupec GmbH
TT210N EUPEC-TT210N Datasheet
420Kb / 13P
Netz-Thyristor-Modul Phase Control Thyristor Module
logo
Infineon Technologies A...
TT210N INFINEON-TT210N Datasheet
588Kb / 11P
Pressure contact technology for high reliability
2012-12-19 Revision: 3.1
logo
Clarke International
TT212163 CLARKE-TT212163 Datasheet
4Mb / 20P
SPOT WELDER
GC0221 rev 5
logo
Sanyo Semicon Device
TT2138LS SANYO-TT2138LS Datasheet
40Kb / 4P
Color TV Horizontal Deflection Output Applications
More results

Similar Description - TT2170LS

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SD1876 SANYO-2SD1876 Datasheet
82Kb / 3P
Color TV Horizontal Deflection Output Applications
2SD1880 SANYO-2SD1880 Datasheet
85Kb / 3P
Color TV Horizontal Deflection Output Applications?
2SD1881 SANYO-2SD1881 Datasheet
85Kb / 3P
Color TV Horizontal Deflection Output Applications?
2SD1882 SANYO-2SD1882 Datasheet
84Kb / 3P
Color TV Horizontal Deflection Output Applications?
2SD1883 SANYO-2SD1883 Datasheet
83Kb / 3P
Color TV Horizontal Deflection Output Applications?
2SD2251 SANYO-2SD2251 Datasheet
86Kb / 3P
Color TV Horizontal Deflection Output Applications???
2SD2580 SANYO-2SD2580 Datasheet
43Kb / 4P
Color TV Horizontal Deflection Output Applications
2SD2634 SANYO-2SD2634 Datasheet
30Kb / 4P
Color TV Horizontal Deflection Output Applications
2SD2689LS SANYO-2SD2689LS Datasheet
35Kb / 4P
Color TV Horizontal Deflection Output Applications
2SC6090LS SANYO-2SC6090LS Datasheet
55Kb / 4P
Color TV Horizontal Deflection Output Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com