Electronic Components Datasheet Search
  English  ▼

X  

PE3C4469 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE3C4469
Description  RF Cable Assemblies Technical Data Sheet
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C4469 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE3C4469 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C4469 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C4469 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C4469 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE3C4469 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Specifications by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency
0.1
0.4
1
3
GHz
dB/m
Insertion Loss (Typ.)
0.08
0.16
0.26
0.47
dB/ft
0.26
0.52
0.85
1.54
dB/m
.
Electrical Specification Notes:
Insertion Loss does not include the loss of the connectors. Insertion Loss is estimated as 0.1 dB per connector.
Mechanical Specifications
Cable Assembly
Diameter
0.156 in [3.96 mm]
.
Cable
Cable Type
RG316-DS
Impedance
50 Ohms
Inner Conductor Type
Stranded
Inner Conductor Material and Plating
Copper Clad Steel, Silver
Dielectric Type
PTFE
Number of Shields
2
Shield Layer 1
Silver Plated Copper Braid
Shield Layer 2
Silver Plated Copper Braid
Jacket Material
FEP, Tan
Jacket Diameter
0.114 in [2.9 mm]
.
Repeated Minimum Bend Radius
0.6 in [15.24 mm]
PE3C4469 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SSMC Plug to SSMC Plug Right Angle Cable Using RG316-DS Coax PE3C4469
RF Cable Assemblies Technical Data Sheet
PE3C4469
SSMC Plug to SSMC Plug Right Angle
Cable Using RG316-DS Coax



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com