Electronic Components Datasheet Search
  English  ▼

X  

TT2170 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # TT2170
Description  Color TV Horizontal Deflection Output Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

TT2170 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  TT2170 Datasheet HTML 1Page - Sanyo Semicon Device TT2170 Datasheet HTML 2Page - Sanyo Semicon Device TT2170 Datasheet HTML 3Page - Sanyo Semicon Device TT2170 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TT2170LS
No.7670-2/4
Collector-to-Emitter Voltage, VCE -- V
Collector Current, IC -- A
hFE -- IC
Base-to-Emitter Voltage, VBE -- V
IC -- VBE
Collector Current, IC -- A
VCE (sat) -- IC
IC -- VCE
01
3
5
7
9
0
24
6
8
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
10
0.1
0.01
0.1
1.0
2
3
5
2
3
5
7
10
7
2
3
5
7
23
5
7
2
3
5
7
1.0
10
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
1.6
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
3
2
0.1
1.0
10
23
5
7
2
3
5
7
5
7
1.0
10
3
2
5
7
100
IT06478
IT06480
IT06481
IT06479
IC / IB=5
25°
C
120
°C
Ta= --40
°C
VCE=5V
Ta=120
°C
IB=0
0.05A
0.1A
0.2A
0.3A
0.4A
0.5A
0.6A
0.7A
0.8A
0.9A
1.0A
1.1A
1.2A
1.3A
1.4A
1.5A
VCE=5V
25°
C
--40
°C
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Collector-to-Emitter Saturation Voltage
VCE(sat)
IC=2.7A, IB=0.54A
3
V
Base-to-Emitter Saturation Voltage
VBE(sat)
IC=2.7A, IB=0.54A
1.5
V
DC Current Gain
hFE1VCE=5V, IC=0.5A
10
hFE2VCE=5V, IC=3A
5
8
Diode Forward Voltage
VF
IEC=4A
2
V
Fall Time
tf
IC=1.8A, IB1=0.36A, IB2=--0.72A
0.3
µs
Switching Time Test Circuit
++
PW=20
µs
D.C.
≤1%
50
Ω
INPUT
RB
VR
RL=111Ω
VCC=200V
VBE= --5V
IB1
IB2
470
µF
100
µF
OUTPUT



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com