Electronic Components Datasheet Search
  English  ▼

X  

PE3C4472 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE3C4472
Description  RF Cable Assemblies Technical Data Sheet
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C4472 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3C4472 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C4472 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C4472 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C4472 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE3C4472 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Configuration
• Connector 1: SMA Male Right Angle
• Connector 2: SSMC Plug Right Angle
• Cable Type: RG316-DS
Features
• SSMC Cable Assembly Max. Operating Frequency of
3000 GHz
• Small SSMC cable connection form factor (50% smaller
than SMA, radially)
• Reliable threaded coupling
• In stock and ready to ship
Applications
• SSMC Cable General Purpose
Test
• Data Acquisition Systems
• A/D Conversion Systems
• Ultra Wideband Digital Receivers
•
Software defined radio (SDR)
.
Description
Pasternack’s SSMC cable assemblies are part of our full line of RF components available for same-day shipping. These
SSMC cable assemblies are designed to connect SSMC system components and test connections, delivering signal frequen-
cies as high as 12.4 GHz. Our family of SSMC cables can also be used to connect SSMC ports on data acquisition systems,
A/D modules or SSMC coax patch panels. If none of our standard options fit your application, you can specify your own cus-
tom SSMC cable assembly using Pasternack’s online Cable Creator.
Our SSMC cable assembly datasheet specifications and drawing with dimensions are shown below in this PDF. Pasternack’s
broad catalog of RF, microwave and millimeter wave cable assemblies allow designers to configure and customize their signal
connections however they like. Whether the need is to provide SSMC cabling for a data acquisition system, or simply create
a custom cable assembly configuration, Pasternack has the right cable assemblies for the job. Pasternack can also expertly
build your custom cable assemblies for you and ship same day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
3
GHz
VSWR
1.6:1
Velocity of Propagation
70
%
Capacitance
29.4 [96.46]
pF/ft [pF/m]
Operating Voltage (AC)
250
Vrms
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male Right Angle to SSMC Plug Right Angle Cable Using RG316-DS Coax PE3C4472
PE3C4472 REV 1.0
SMA Male Right Angle to SSMC Plug Right Angle
Cable Using RG316-DS Coax
RF Cable Assemblies Technical Data Sheet
PE3C4472


Similar Part No. - PE3C4472

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C4472-12 PASTERNACK-PE3C4472-12 Datasheet
463Kb / 5P
RF Cable Assemblies Technical Data Sheet
PE3C4472-24 PASTERNACK-PE3C4472-24 Datasheet
463Kb / 5P
RF Cable Assemblies Technical Data Sheet
PE3C4472-48 PASTERNACK-PE3C4472-48 Datasheet
463Kb / 5P
RF Cable Assemblies Technical Data Sheet
PE3C4472-6 PASTERNACK-PE3C4472-6 Datasheet
463Kb / 5P
RF Cable Assemblies Technical Data Sheet
PE3C4472-60 PASTERNACK-PE3C4472-60 Datasheet
463Kb / 5P
RF Cable Assemblies Technical Data Sheet
More results

Similar Description - PE3C4472

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3W03154-12 PASTERNACK-PE3W03154-12 Datasheet
434Kb / 4P
RF Cable Assemblies Technical Data Sheet
PE3C4447-72 PASTERNACK-PE3C4447-72 Datasheet
485Kb / 5P
RF Cable Assemblies Technical Data Sheet
PE3C4448-6 PASTERNACK-PE3C4448-6 Datasheet
486Kb / 5P
RF Cable Assemblies Technical Data Sheet
PE3C4448-72 PASTERNACK-PE3C4448-72 Datasheet
486Kb / 5P
RF Cable Assemblies Technical Data Sheet
PE3C4451-72 PASTERNACK-PE3C4451-72 Datasheet
504Kb / 5P
RF Cable Assemblies Technical Data Sheet
PE3C4452-6 PASTERNACK-PE3C4452-6 Datasheet
506Kb / 5P
RF Cable Assemblies Technical Data Sheet
PE3C4453-60 PASTERNACK-PE3C4453-60 Datasheet
499Kb / 5P
RF Cable Assemblies Technical Data Sheet
PE3C4454-6 PASTERNACK-PE3C4454-6 Datasheet
500Kb / 5P
RF Cable Assemblies Technical Data Sheet
PE3C4454-24 PASTERNACK-PE3C4454-24 Datasheet
500Kb / 5P
RF Cable Assemblies Technical Data Sheet
PE3C4455-24 PASTERNACK-PE3C4455-24 Datasheet
449Kb / 4P
RF Cable Assemblies Technical Data Sheet
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com