Electronic Components Datasheet Search
  English  ▼

X  

UBA2014T Datasheet(PDF) 8 Page - NXP Semiconductors

Part # UBA2014T
Description  600 V driver IC for HF fluorescent lamps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UBA2014T Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button UBA2014T Datasheet HTML 4Page - NXP Semiconductors UBA2014T Datasheet HTML 5Page - NXP Semiconductors UBA2014T Datasheet HTML 6Page - NXP Semiconductors UBA2014T Datasheet HTML 7Page - NXP Semiconductors UBA2014T Datasheet HTML 8Page - NXP Semiconductors UBA2014T Datasheet HTML 9Page - NXP Semiconductors UBA2014T Datasheet HTML 10Page - NXP Semiconductors UBA2014T Datasheet HTML 11Page - NXP Semiconductors UBA2014T Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
2002 May 16
8
Philips Semiconductors
Product specification
600 V driver IC for HF fluorescent lamps
UBA2014
handbook, full pagewidth
MGW582
VCF
VGL
V(GH-SH)
0
0
0
time
0
0
VACM
Vhb
Fig.4 Oscillator and driver signals.
handbook, full pagewidth
MGW583
burn state
ignition
state
preheat state
fmin detection
Timer
on
time
off
Vlamp(fail)
Vlamp(max)
Vlamp
Fig.5 Normal ignition behaviour.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com