Electronic Components Datasheet Search
  English  ▼

X  

VCS2516 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VCS2516
Description  Bulk Metal Foil Technology Surface Mount Current Sensing Chip Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VCS2516 Datasheet(HTML) 1 Page - Vishay Siliconix

  VCS2516 Datasheet HTML 1Page - Vishay Siliconix VCS2516 Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
For technical questions in the Americas, contact foilsupport1@vishay.com
For technical questions in Asia/Japan/Europe/Africa/Israel, contact foilsupport2@vishay.com
Document Number: 63023
Revision 26-Jan-05
www.vishay.com
32
VCS2516
Vishay Foil Resistors
• ISRAEL: foilsales.israel@vishay.com
• FRANCE/SWITZERLAND/SOUTHERN EUROPE: foilsales.eusouth@vishay.com
• AMERICAS: foilsales.usa@vishay.com
• ASIA/JAPAN: foilsales.asia@vishay.com • UK/HOLLAND/SCANDINAVIA: foilsales.eunorth@vishay.com • GERMANY/CZECH REPUBLIC/AUSTRIA: foilsales.eucentral@vishay.com
SALES
Bulk Metal
® Foil Technology
Surface Mount Current Sensing Chip Resistors
FEATURES
• Low Ohmic Values: 0.01Ω to 1.0Ω
• Low Temperature Coefficient of Resistance (TCR):
10ppm/°C, nominal (- 55°C to + 125°C, + 25°C Ref.)
• Tight Resistance Tolerance: to ± 0.1%
• High Power Rating: 1 watt at + 85°C
• Current Rating: 5 Amperes maximum
• Low Thermal EMF: 0.05µV/°C typical
• Low Current Noise: - 40dB
• Low Voltage Coefficient: < 0.1ppm/V
• Non Inductive: < 0.08µH
INTRODUCTION
Model VCS2516 are surface mount resistors designed with
4 pads for kelvin connection. Utilizing Vishay Bulk Metal
®
Foil as the resistance element, they provide performance
capabilities far greater than other resistor technologies can
supply in a product of comparable size.
These small devices dissipate the heat almost entirely
through the pads so surface mount users are encouraged to
be generous with the pads and board traces. Some hybrid
users may want to use conductive epoxy for the
interconnection and gold terminations are available on
special order. (Tin/lead oxidizes on the surface and the
conductive epoxy joint eventually fails electrically.)
Lead (Pb)-free terminations (100% Sn) are also availiable.
Our Application Engineering Department is prepared to
advise and to make recommendations for non standard
technical requirements and special applications, Please
contact us.
Product may not
be to scale
TERMINATIONS
• Lead (Pb)-free two options are available:
Gold Plated
Tin Plated
• Tin/Lead (Sn 60% Pb 40%) Plated
APPLICATIONS
• Automatic test equipment (ATE)
• Airborne (in heads-up display systems)
• High precision instrumentation
• Electron beam recording equipment
• Electron microscopes
• Current sensing applications
• Forced balance electronic scales
• Applications that require superior frequency stability etc.
FIGURE 1 - DIMENSIONS
in inches and millimeters
L
H
W
A
B
I2
I1
E1
E2
DIMENSIONS
INCHES
mm
L
0.250 ± 0.010
6.35 ± 0.25
H
0.160 ± 0.010
4.06 ± 0.25
W
0.040 maximum
1.02 maximum
A
0.080 ± 0.005
2.03 ± 0.13
B
0.040 ± 0.010
1.02 ± 0.25
.070
.260
(6.60)
(1.78)
I1
E
1
I2
E2
Solder Pad Layout
Electrical
Schematic
R
Top View
Bottom View
Mounting
Pads (4)
R1
R2
Vin
Vout
-
+


Similar Part No. - VCS2516

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
VCS25AT FOX-VCS25AT Datasheet
220Kb / 1P
VCXO SMD LOW PROFILE/VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
VCS25ATR FOX-VCS25ATR Datasheet
220Kb / 1P
VCXO SMD LOW PROFILE/VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
VCS25AXT FOX-VCS25AXT Datasheet
122Kb / 1P
3.3V LOW PROFILE SMD VCXO
VCS25AXTR FOX-VCS25AXTR Datasheet
122Kb / 1P
3.3V LOW PROFILE SMD VCXO
More results

Similar Description - VCS2516

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMR3D VISHAY-SMR3D Datasheet
148Kb / 3P
Bulk Metal Foil Technology Precision Molded Surface Mount Resistor
16-Aug-04
SMR1D VISHAY-SMR1D Datasheet
69Kb / 3P
Bulk Metal Foil Technology Precision Molded Surface Mount Resistor
23-Dec-03
VSM1506 VISHAY-VSM1506 Datasheet
120Kb / 2P
Bulk Metal Foil Technology Discrete High Precision Surface Mount Chip Resistor
17-Aug-04
VSM0805 VISHAY-VSM0805 Datasheet
66Kb / 2P
Bulk Metal Foil Technology Discrete Surface Mount Chip Resistors
17-Aug-04
VSMD1505 VISHAY-VSMD1505 Datasheet
71Kb / 2P
Bulk Metal Foil Technology Miniature, Ultimate Tracking Surface Mount Divider
24-Oct-02
VHZ VISHAY-VHZ Datasheet
172Kb / 5P
Bulk Metal® Foil Technology Hermetically Sealed Resistors, Aerospace
12-Dec-05
VHHERMETIC VISHAY-VHHERMETIC Datasheet
130Kb / 5P
Bulk Metal® Foil Technology Hermetically Sealed Resistors, Aerospace
02-Mar-05
CSM VISHAY-CSM Datasheet
1Mb / 8P
Bulk Metal® Technology High Precision, Current Sensing, Power Surface Mount, Metal Strip Resistor
3-May-11
logo
List of Unclassifed Man...
CSNL1206 ETC2-CSNL1206 Datasheet
115Kb / 3P
Metal Foil Current Sensing Chip Resistor
logo
NIC-Components Corp.
NCLS NIC-NCLS Datasheet
276Kb / 6P
Metal Foil Current Sensing Chip Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com