Electronic Components Datasheet Search
  English  ▼

X  

PD780136 Datasheet(PDF) 7 Page - NEC

Part # PD780136
Description  8-Bit Single-Chip Microcontrollers
PDF  558 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PD780136 Datasheet(HTML) 7 Page - NEC

Back Button PD780136 Datasheet HTML 3Page - NEC PD780136 Datasheet HTML 4Page - NEC PD780136 Datasheet HTML 5Page - NEC PD780136 Datasheet HTML 6Page - NEC PD780136 Datasheet HTML 7Page - NEC PD780136 Datasheet HTML 8Page - NEC PD780136 Datasheet HTML 9Page - NEC PD780136 Datasheet HTML 10Page - NEC PD780136 Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 558 page
background image
User’s Manual U16228EJ2V0UD
7
How to Read This Manual
It is assumed that the readers of this manual have general knowledge of electrical
engineering, logic circuits, and microcontrollers.
• When using this manual as the manual for (A) grade products, (A1) grade products,
and (A2) grade products:
→ Only the quality grade differs between standard products and (A), (A1), and (A2)
grade products. Read the part number as follows.
•
µPD780131 → µPD780131(A), 780131(A1), 780131(A2)
•
µPD780132 → µPD780132(A), 780132(A1), 780132(A2)
•
µPD780133 → µPD780133(A), 780133(A1), 780133(A2)
•
µPD780134 → µPD780134(A), 780134(A1), 780134(A2)
•
µPD780136 → µPD780136(A), 780136(A1), 780136(A2)
•
µPD780138 → µPD780138(A), 780138(A1), 780138(A2)
•
µPD78F0134 → µPD78F0134(A), 78F0134(A1)
•
µPD78F0138 → µPD78F0138(A), 78F0138(A1)
• To gain a general understanding of functions:
→ Read this manual in the order of the CONTENTS. The mark
shows major
revised points.
• How to interpret the register format:
→ For a bit number enclosed in brackets, the bit name is defined as a reserved word
in the assembler, and is already defined in the header file named sfrbit.h in the C
compiler.
• To check the details of a register when you know the register name.
→ Refer to APPENDIX C REGISTER INDEX.
• To know details of the 78K/0 Series instructions.
→ Refer to the separate document 78K/0 Series Instructions User’s Manual
(U12326E).
Caution
Examples in this manual employ the “standard” quality grade for
general electronics.
When using examples in this manual for the
“special” quality grade, review the quality grade of each part and/or
circuit actually used.
Conventions
Data significance:
Higher digits on the left and lower digits on the right
Active low representations:
××× (overscore over pin and signal name)
Note:
Footnote for item marked with Note in the text.
Caution:
Information requiring particular attention
Remark:
Supplementary information
Numerical representations: Binary
...
×××× or ××××B
Decimal
...
××××
Hexadecimal
...
××××H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com