Electronic Components Datasheet Search
  English  ▼

X  

PE33188 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE33188
Description  75 Ohm BNC Male to 75 Ohm BNC Male Cable Using 75 Ohm RG59 Coax
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE33188 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE33188 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE33188 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE33188 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE33188 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Dielectric Type
PE
Number of Shields
1
Shield Layer 1
Copper Braid
Jacket Material
PVC (NC), Black
Jacket Diameter
0.242 in [6.15 mm]
.
Connectors
Description
Connector 1
Connector 2
Type
BNC Male
BNC Male
Impedance
75 Ohms
75 Ohms
Contact Material and Plating
Brass, Gold
Brass, Gold
Contact Plating Specification
30µ in. minimum
30µ in. minimum
Dielectric Type
Teflon
Teflon
Body Material and Plating
Brass, Nickel
Brass, Nickel
Body Plating Specification
100µ in. minimum
100µ in. minimum
.
Mechanical Specification Notes:
*All cable assemblies have a length tolerance of 1.5% or ± 3/8”, whichever is greater.
Environmental Specifications
Temperature
Operating Range
-40 to +80 deg C
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
• Values at 25°C, sea level.
PE33188 REV 1.1
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm BNC Male to 75 Ohm BNC Male Cable Using 75 Ohm RG59 Coax PE33188
RF Cable Assemblies Technical Data Sheet
PE33188
75 Ohm BNC Male to 75 Ohm BNC Male
Cable Using 75 Ohm RG59 Coax



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com