Electronic Components Datasheet Search
  English  ▼

X  

PE33254 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE33254
Description  SMA Female to SMA Female Cable Using RG223 Coax
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE33254 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE33254 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE33254 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE33254 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE33254 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Shield Layer 1
Silver Plated Copper Braid
Shield Layer 2
Silver Plated Copper Braid
Jacket Material
PVC, Black
Jacket Diameter
0.21 in [5.33 mm]
.
One Time Minimum Bend Radius
1 in [25.4 mm]
Connectors
Description
Connector 1
Connector 2
Type
SMA Female
SMA Female
Impedance
50 Ohms
50 Ohms
Contact Material and Plating
Beryllium Copper, Gold
Beryllium Copper, Gold
Contact Plating Specification
50µ in. minimum.
50µ in. minimum.
Dielectric Type
PTFE
PTFE
Body Material and Plating
Brass, Nickel
Brass, Nickel
Body Plating Specification
100µ in. minimum.
100µ in. minimum.
.
Compliance Certifications (visit www.Pasternack.com for current document)
For RoHS Compliant version, use PE33254LF. Contact Pasternack if product cannot be found.
REACH Compliant
12/19/2011
Plotted and Other Data
Notes:
• Values at 25°C, sea level.
PE33254 REV
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Female to SMA Female Cable Using RG223 Coax PE33254
RF Cable Assemblies Technical Data Sheet
PE33254
SMA Female to SMA Female Cable Using RG223 Coax



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com