Electronic Components Datasheet Search
  English  ▼

X  

AD7264 Datasheet(PDF) 6 Page - Analog Devices

Part # AD7264
Description  1 MSPS, 14-Bit, Simultaneous Sampling SAR ADC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7264 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7264 Datasheet HTML 2Page - Analog Devices AD7264 Datasheet HTML 3Page - Analog Devices AD7264 Datasheet HTML 4Page - Analog Devices AD7264 Datasheet HTML 5Page - Analog Devices AD7264 Datasheet HTML 6Page - Analog Devices AD7264 Datasheet HTML 7Page - Analog Devices AD7264 Datasheet HTML 8Page - Analog Devices AD7264 Datasheet HTML 9Page - Analog Devices AD7264 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
Data Sheet
AD7264
Rev. D | Page 5 of 29
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
POWER REQUIREMENTS
Digital inputs = 0 V or VDRIVE
AVCC
4.75
5.25
V
CA_CBVCC, CC_CDVCC
2.7
5.25
V
VDRIVE
2.7
5.25
V
IDD
ADC Normal Mode (Static)
20
31.5
mA
AVCC = 5.25 V
ADC Normal Mode (Dynamic)
23
33.3
mA
fS = 1 MSPS, AVCC = 5.25 V
Shutdown Mode
0.5
1
μA
AVCC = 5.25 V, ADCs and comparators
powered down
Power Dissipation
ADC Normal Mode (Static)
105
165
mW
ADC Normal Mode (Dynamic)
120
175
mW
Shutdown Mode
2.625
5.25
µW
1
These specifications were determined without the use of the gain calibration feature.
2
See the Terminology section.
3
Samples are tested during initial release to ensure compliance; they are not subject to production testing.
4
For PGA gain = 1, to utilize the full analog input range (VCM ± VREF/2) of the AD7264, the VCM voltage should be dropped to lie within a range from 1.95 V to 2.05 V.
5
Refers to Pin VREFA or Pin VREFB.
6
This specification includes the IDD for both comparators. The IDD per comparator is the specified value divided by 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com