Electronic Components Datasheet Search
  English  ▼

X  

AD7264BCPZ Datasheet(PDF) 24 Page - Analog Devices

Part # AD7264BCPZ
Description  1 MSPS, 14-Bit, Simultaneous Sampling SAR ADC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7264BCPZ Datasheet(HTML) 24 Page - Analog Devices

Back Button AD7264BCPZ Datasheet HTML 20Page - Analog Devices AD7264BCPZ Datasheet HTML 21Page - Analog Devices AD7264BCPZ Datasheet HTML 22Page - Analog Devices AD7264BCPZ Datasheet HTML 23Page - Analog Devices AD7264BCPZ Datasheet HTML 24Page - Analog Devices AD7264BCPZ Datasheet HTML 25Page - Analog Devices AD7264BCPZ Datasheet HTML 26Page - Analog Devices AD7264BCPZ Datasheet HTML 27Page - Analog Devices AD7264BCPZ Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
Data Sheet
AD7264
Rev. D | Page 23 of 29
ON-CHIP REGISTERS
The AD7264 contains a control register, two offset registers for
storing the offsets for each ADC, and two external gain registers
for storing the gain error. The control, offset, and gain registers
are read and write registers. On power-up, all registers in the
AD7264 are set to 0 by default.
Writing to a Register
Data is loaded from the PD0/DIN pin of the AD7264 on the
falling edge of SCLK when CS is in a logic low state. Four
address bits and 12 data bits must be clocked into the device.
Thus, on the 16th falling SCLK edge, the LSB is clocked into the
AD7264. One more SCLK cycle is then required to write to the
internal device registers. In total, 17 SCLK cycles are required to
successfully write to the AD7264. The control and offset registers
are 12-bits registers, and the gain registers are 7-bit registers.
When writing to a register, the user must first write the address
bits corresponding to the selected register. Table 11 shows the
decoding of the address bits. The four RD bits are written MSB
first, that is, RD3 followed by RD2, RD1, and RD0. The AD7264
decodes these bits to determine which register is being addressed.
The subsequent 12 bits of data are written to the addressed register.
When writing to the external gain registers, the seven bits of data
immediately after the four address bits are written to the register.
However, 17 SCLK cycles are still required, and the PD0/DIN pin of
the AD7264 should be tied low for the five additional clock cycles.
Table 11. Read and Write Register Addresses
RD3
RD2
RD1
RD0
Comment
0
0
0
0
ADC result (default)
0
0
0
1
Control register
0
0
1
0
Offset ADC A internal
0
0
1
1
Offset ADC B internal
0
1
0
0
Gain ADC A external
0
1
0
1
Gain ADC B external
Reading from a Register
The internal offset of the device, which has been measured by
the AD7264 and stored in the on-chip registers during the
calibration, can be read back by the user. The contents of the
external gain registers can also be read. To read the contents of
any register, the user must first write to the control register by
writing 0001 to the WR3 to WR0 bits via the PD0/DIN pin (see
Table 10). The next four bits in the control register are the RD
bits, which are used to select the desired register from which to
read. The appropriate 4-bit addresses for each of the offset and
gain registers are listed in Table 11. The remaining eight SCLK
cycle bits are used to set the remaining bits in the control
register to the desired state for the next ADC conversion.
The 19th SCLK falling edge clocks out the first data bit of the
digital code corresponding to the value stored in the selected
internal device register on the DOUTA pin. DOUTB outputs the
conversion result from ADC B. When the selected register has
been read, the control register must be reset to output the ADC
results for future conversions. This is achieved by writing 0001
to the WR3 to WR0 bits, followed by 0000 to the RD bits. The
remaining eight bits in the control register should then be set to
the required configuration for the next ADC conversion.
CS
SCLK
DOUTA
PD0/DIN
10
14
16
THREE-STATE
11
12
13
17
THREE-
STATE
15
DB12A
DB13A
18
20
19
32
33
DB0A
THREE-STATE
RD1
RD0
MSB
DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
RD2
RD3
t2
t8
t
QUIET
9
8
7
6
5
4
3
2
1
t13
t14
Figure 31. Timing Diagram for Writing to a Register
CS
SCLK
DOUTA
PD0/DIN
10
14
16
THREE-STATE
11
12
13
17
THREE-
STATE
15
DB12A
DB13A
18
20
19
32
33
DB0A
THREE-STATE
0
1
RD3
RD2
RD1
RD0
0
0
0
0
0
0
0
0
0
0
t2
t13
t14
t8
t
QUIET
9
8
7
6
5
4
3
2
1
Figure 32. Timing Diagram for a Read Operation with PD0/DIN as an Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com