Electronic Components Datasheet Search
  English  ▼

X  

AD7631BSTZ Datasheet(PDF) 28 Page - Analog Devices

Part # AD7631BSTZ
Description  18-Bit, 250 kSPS, Differential Programmable Input PulSAR ADC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7631BSTZ Datasheet(HTML) 28 Page - Analog Devices

Back Button AD7631BSTZ Datasheet HTML 24Page - Analog Devices AD7631BSTZ Datasheet HTML 25Page - Analog Devices AD7631BSTZ Datasheet HTML 26Page - Analog Devices AD7631BSTZ Datasheet HTML 27Page - Analog Devices AD7631BSTZ Datasheet HTML 28Page - Analog Devices AD7631BSTZ Datasheet HTML 29Page - Analog Devices AD7631BSTZ Datasheet HTML 30Page - Analog Devices AD7631BSTZ Datasheet HTML 31Page - Analog Devices AD7631BSTZ Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 33 page
background image
Data Sheet
AD7631
Rev. B | Page 27 of 32
External Discontinuous Clock Data Read After
Conversion
Though the maximum throughput cannot be achieved using
this mode, it is the most recommended of the serial slave modes.
Figure 44 shows the detailed timing diagrams for this method.
After a conversion is completed, indicated by BUSY returning low,
the conversion result can be read while both CS and RD are low.
Data is shifted out MSB first with 18 clock pulses and, depending
on the SDCLK frequency, can be valid on the falling and rising
edges of the clock.
One advantage of this method is that conversion performance is
not degraded because there are no voltage transients on the digital
interface during the conversion process. Another advantage is
the ability to read the data at any speed up to 40 MHz, which
accommodates both the slow digital host interface and the fastest
serial reading.
Daisy-Chain Feature
In addition, in the read after convert mode, the AD7631 provides a
daisy-chain feature for cascading multiple converters together
using the serial data input pin, SDIN. This feature is useful for
reducing component count and wiring connections when desired,
for instance, in isolated multiconverter applications. See Figure 44
for the timing details.
An example of the concatenation of two devices is shown
in Figure 43.
Simultaneous sampling is possible by using a common CNVST
signal. Note that the SDIN input is latched on the opposite edge
of SDCLK used to shift out the data on SDOUT (SDCLK
falling edge when INVSCLK = low). Therefore, the MSB of
the upstream converter follows the LSB of the downstream
converter on the next SDCLK cycle. In this mode, the 40 MHz
SDCLK rate cannot be used because the SDIN to SDCLK setup
time, t33, is less than the minimum time specified. (SDCLK
to SDOUT delay, t32, is the same for all converters when
simultaneously sampled). For proper operation, the SDCLK
edge for latching SDIN (or ½ period of SDCLK) needs to be
33
32
SDCLK
t
t
t
2
/
1
Or the maximum SDCLK frequency needs to be
)
(
2
1
33
32
SDCLK
t
t
f
If not using the daisy-chain feature, the SDIN input should
always be tied either high or low.
SDCLK
SDOUT
RDC/SDIN
AD7631
#1
(DOWNSTREAM)
AD7631
#2
(UPSTREAM)
BUSY
OUT
BUSY
BUSY
DATA
OUT
SDCLK
RDC/SDIN SDOUT
SDCLK IN
CNVST IN
CNVST
CS
CNVST
CS
CS IN
Figure 43. Two AD7631 Devices in a Daisy-Chain Configuration
External Clock Data Read During Previous Conversion
Figure 45 shows the detailed timing diagrams for this method.
During a conversion, while both CS and RD are low, the result
of the previous conversion can be read. The data is shifted out,
MSB first, with 18 clock pulses and is valid on both the falling
and rising edges of the clock. The 18 bits have to be read before
the current conversion is completed; otherwise, RDERROR is
pulsed high and can be used to interrupt the host interface to
prevent incomplete data reading.
To reduce performance degradation due to digital activity, a fast
discontinuous clock of at least 40 MHz is recommended to ensure
that all the bits are read during the first half of the SAR
conversion phase.
The daisy-chain feature should not be used in this mode because
digital activity occurs during the second half of the SAR
conversion phase likely resulting in performance degradation.
External Clock Data Read After/During Conversion
It is also possible to begin to read data after conversion and
continue to read the last bits after a new conversion is initiated.
This method allows the full throughput and the use of a slower
SDCLK frequency. Again, it is recommended to use a
discontinuous SDCLK whenever possible to minimize
potential incorrect bit decisions. The use of a slower SDCLK,
such as 13 MHz, can be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com