Electronic Components Datasheet Search
  English  ▼

X  

AD7766 Datasheet(PDF) 13 Page - Analog Devices

Part # AD7766
Description  128 kSPS/64 kSPS/32 kSPS ADCs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7766 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7766 Datasheet HTML 9Page - Analog Devices AD7766 Datasheet HTML 10Page - Analog Devices AD7766 Datasheet HTML 11Page - Analog Devices AD7766 Datasheet HTML 12Page - Analog Devices AD7766 Datasheet HTML 13Page - Analog Devices AD7766 Datasheet HTML 14Page - Analog Devices AD7766 Datasheet HTML 15Page - Analog Devices AD7766 Datasheet HTML 16Page - Analog Devices AD7766 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
AD7766
Rev. C | Page 12 of 24
–120
–116
–112
–108
–104
01
900k
800k
700k
600k
500k
400k
300k
200k
100k
MCLK FREQUENCY (Hz)
M
AD7766
AD7766-1
AD7766-2
Figure 19. AD7766/AD7766-1/AD7766-2 THD vs. MCLK Frequency
115
107
108
109
110
111
112
113
114
01M
900k
800k
700k
600k
500k
400k
300k
200k
100k
MCLK FREQUENCY (Hz)
AD7766
AD7766-1
AD7766-2
Figure 20. AD7766/AD7766-1/AD7766-2 SNR vs. MCLK Frequency
150
140
130
120
110
100
06
50k
40k
30k
20k
10k
fNOISE (Hz)
AVDD
DVDD
VDRIVE
0k
Figure 21. AD7766 Power Supply Sensitivity vs. Supply Ripple Frequency
(fNOISE) with Decoupling Capacitors
120
115
110
105
100
95
90
06
50k
40k
30k
20k
10k
fNOISE (Hz)
0k
OPEN INPUTS
FULL-SCALE 921Hz
DYNAMIC RANGE
Figure 22. AD7766 CMRR vs. Common-Mode Ripple Frequency (fNOISE)
200
160
120
80
40
180
140
100
60
20
0
CODES
MAX = 8,388,637
MIN = 8,388,493
SPREAD = 145
Figure 23. AD7766 24-Bit Histogram
250
200
150
100
50
0
CODES
MAX = 8,388,608
MIN = 8,388,507
SPREAD = 102 CODES
Figure 24. AD7766-1 24-Bit Histogram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com