Electronic Components Datasheet Search
  English  ▼

X  

AD7785 Datasheet(PDF) 19 Page - Analog Devices

Part # AD7785
Description  3-Channel, Low Noise, Low Power ADC with On-Chip In-Amp and Reference
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7785 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD7785 Datasheet HTML 15Page - Analog Devices AD7785 Datasheet HTML 16Page - Analog Devices AD7785 Datasheet HTML 17Page - Analog Devices AD7785 Datasheet HTML 18Page - Analog Devices AD7785 Datasheet HTML 19Page - Analog Devices AD7785 Datasheet HTML 20Page - Analog Devices AD7785 Datasheet HTML 21Page - Analog Devices AD7785 Datasheet HTML 22Page - Analog Devices AD7785 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
AD7785
Rev. 0 | Page 18 of 32
Bit Location
Bit Name
Description
CON7
REFSEL
Reference Select Bit. The reference source for the ADC is selected using this bit.
REFSEL
Reference Source
0
External Reference Applied between REFIN(+) and REFIN(–).
1
Internal Reference Selected.
CON6 to
CON5
0
These bits must be programmed with a Logic 0 for correct operation.
CON4
BUF
Configures the ADC for buffered or unbuffered mode of operation. If cleared, the ADC operates in unbuffered
mode, lowering the power consumption of the device. If set, the ADC operates in buffered mode, allowing the
user to place source impedances on the front end without contributing gain errors to the system. The buffer
can be disabled when the gain equals 1 or 2. For higher gains, the buffer is automatically enabled.
With the buffer disabled, the voltage on the analog input pins can be from 30 mV below GND to 30 mV above
AVDD. When the buffer is enabled, it requires some headroom, so the voltage on any input pin must be limited
to 100 mV within the power supply rails.
CON3
0
This bit must be programmed with a Logic 0 for correct operation.
CON2 to
CON0
CH2 to
CH0
Channel Select Bits. Written by the user to select the active analog input channel to the ADC.
CH2
CH1
CH0
Channel
Calibration Pair
0
0
0
AIN1(+) – AIN1(–)
0
0
0
1
AIN2(+) – AIN2(–)
1
0
1
0
AIN3(+) – AIN3(–)
2
0
1
1
AIN1(−) – AIN1(−)
0
1
0
0
Reserved
1
0
1
Reserved
1
1
0
Temp Sensor
Automatically selects gain = 1 and internal reference
1
1
1
AVDD Monitor
Automatically selects gain = 1/6 and 1.17 V
reference
DATA REGISTER
RS2, RS1, RS0 = 0, 1, 1; Power-On/Reset = 0x00000F
The conversion result from the ADC is stored in this data register. This is a read-only register. On completion of a read operation from
this register, the RDY bit/pin is set. This is a 24-bit register. The 20-bit conversion is contained in the 20 MSBs. The 4 LSBs are set to 1.
ID REGISTER
RS2, RS1, RS0 = 1, 0, 0; Power-On/Reset = 0xXB
The identification number for the AD7785 is stored in the ID register. This is a read-only register.
IO REGISTER
RS2, RS1, RS0 = 1, 0, 1; Power-On/Reset = 0x00
The IO register is an 8-bit register from which data can be read or to which data can be written. This register is used to enable and select
the value of the excitation currents. Table 16 outlines the bit designations for the IO register. IO0 through IO7 indicate the bit locations;
IO denotes that the bits are in the IO register. IO7 denotes the first bit of the data stream. The number in parentheses indicates the power-
on/reset default status of that bit.
IO7
IO6
IO5
IO4
IO3
IO2
IO1
IO0
0(0)
0(0)
0(0)
0(0)
IEXCDIR1(0)
IEXCDIR0(0)
IEXCEN1(0)
IEXCEN0(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com