Electronic Components Datasheet Search
  English  ▼

X  

AD7949 Datasheet(PDF) 21 Page - Analog Devices

Part # AD7949
Description  14-Bit, 8-Channel, 250 kSPS PulSAR ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7949 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD7949 Datasheet HTML 17Page - Analog Devices AD7949 Datasheet HTML 18Page - Analog Devices AD7949 Datasheet HTML 19Page - Analog Devices AD7949 Datasheet HTML 20Page - Analog Devices AD7949 Datasheet HTML 21Page - Analog Devices AD7949 Datasheet HTML 22Page - Analog Devices AD7949 Datasheet HTML 23Page - Analog Devices AD7949 Datasheet HTML 24Page - Analog Devices AD7949 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
Data Sheet
AD7949
Rev. F | Page 21 of 32
POWER SUPPLY
The AD7949 uses two power supply pins: an analog and digital
core supply (VDD) and a digital input/output interface supply
(VIO). VIO allows direct interface with any logic between 1.8 V
and VDD. To reduce the supplies needed, the VIO and VDD
pins can be tied together. The AD7949 is independent of power
supply sequencing between VIO and VDD. Additionally, it is
very insensitive to power supply variations over a wide
frequency range, as shown in Figure 33.
75
70
65
60
55
50
45
40
35
30
1
10k
10
100
1k
FREQUENCY (kHz)
Figure 33. PSRR vs. Frequency
The AD7949 powers down automatically at the end of each
conversion phase; therefore, the operating currents and power
scale linearly with the sampling rate. This makes the part ideal
for low sampling rates (even of a few hertz) and low battery-
powered applications.
10,000
1000
100
10
1
0.1
0.010
0.001
10
1M
100
1k
10k
100k
SAMPLING RATE (SPS)
VDD = 5V, INTERNAL REF
VDD = 5V, EXTERNAL REF
VDD = 2.5V, EXTERNAL REF
VIO
Figure 34. Operating Currents vs. Sampling Rate
SUPPLYING THE ADC FROM THE REFERENCE
For simplified applications, the AD7949, with its low operating
current, can be supplied directly using an external reference
circuit like the one shown in Figure 35. The reference line can
be driven by:
The system power supply directly
A reference voltage with enough current output capability,
such as the ADR430/ADR431/ADR433/ADR434/ADR435
or ADR440/ADR441/ADR443/ADR444/ADR445
A reference buffer, such as the AD8605, which can also
filter the system power supply, as shown in Figure 35
AD8605
AD7949
VIO
REF
VDD
10µF
1µF
0.1µF
10Ω
10kΩ
5V
5V
5V
1µF
1
1OPTIONAL REFERENCE BUFFER AND FILTER.
0.1µF
Figure 35. Example of an Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com