Electronic Components Datasheet Search
  English  ▼

X  

2SC5838 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # 2SC5838
Description  Silicon NPN epitaxial planar type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC5838 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  2SC5838 Datasheet HTML 1Page - Panasonic Semiconductor 2SC5838 Datasheet HTML 2Page - Panasonic Semiconductor 2SC5838 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2SC5838
2
SJC00288AED
PC  Ta
IC  VCE
VCE(sat)  IC
hFE  IC
Cob  VCB
0
140
60
20
80
120
40
100
0
120
100
80
60
40
20
Ambient temperature T
a (°C)
0
012
210
48
6
90
Collector-emitter voltage V
CE (V)
60
70
80
50
40
30
20
100
µA
200
µA
300
µA
400
µA
500
µA
IB
= 600 µA
10
Ta
= 25°C
0.01
1
1
10
1 000
100
IC / IB
= 10
0.1
Ta
= 85°C
25
°C
−25°C
Collector current I
C (mA)
1
10
100
1 000
0
200
160
120
80
40
VCE
= 8 V
Ta
= 85°C
25
°C
−25°C
Collector current I
C (A)
0
5
10
15
20
25
0.1
10
1
f
= 1 MHz
Ta
= 25°C
Collector-base voltage V
CB (V)



Html Pages

1 2 3