Electronic Components Datasheet Search
  English  ▼

X  

2SC5863 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SC5863
Description  Silicon NPN epitaxial planar type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC5863 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SC5863 Datasheet HTML 1Page - Panasonic Semiconductor 2SC5863 Datasheet HTML 2Page - Panasonic Semiconductor 2SC5863 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Publication date: November 2002
SJC00290AED
Transistors
2SC5863
Silicon NPN epitaxial planar type
For general amplification
■ Features
• High collector-emitter voltage (Base open) V
CEO
• High transition frequency f
T
■ Absolute Maximum Ratings T
a = 25°C
Parameter
Symbol
Rating
Unit
Collector-base voltage (Emitter open)
VCBO
300
V
Collector-emitter voltage (Base open)
VCEO
300
V
Emitter-base voltage (Collector open)
VEBO
7V
Collector current
IC
70
mA
Peak collector current
ICP
100
mA
Collector power dissipation
PC
200
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
Unit: mm
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Collector-emitter voltage (Base open)
VCEO
IC = 100 µA, IB = 0
300
V
Emitter-base voltage (Collector open)
VEBO
IE = 1 µA, IC = 07
V
Collector-emitter cutoff current (Base open)
ICEO
VCE
= 120 V, I
B
= 01
µA
Forward current transfer ratio *
hFE
VCE = 10 V, IC = 5 mA
60
220
Collector-emitter saturation voltage
VCE(sat)
IC = 50 mA, IB = 5 mA
1.2
V
Collector output capacitance
Cob
VCB = 10 V, IE = 0, f = 1 MHz
10
pF
(Common base, input open circuited)
Transition frequency
fT
VCB
= 10 V, I
E
= −10 mA, f = 200 MHz
50
80
MHz
Rank
Q
R
hFE
60 to 150
100 to 220
0.40
+0.10
–0.05
2
1
3
(0.95) (0.95)
1.9±0.1
2.90
+0.20
–0.05
0.16
+0.10
–0.06
10˚
1: Base
2: Emitter
3: Collector
EIAJ: SC-59
Mini3-G1 Package
Marking Symbol: 7H
■ Electrical Characteristics T
a
= 25°C ± 3°C
Note) 1. Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7030 measuring methods for transistors.
2. *: Rank classification


Similar Part No. - 2SC5863

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC5865 ROHM-2SC5865 Datasheet
73Kb / 5P
Transistors High voltage discharge, High speed switching, Low Noise (60V, 1A)
2SC5865 ROHM-2SC5865 Datasheet
937Kb / 4P
High voltage discharge, High speed switching, Low Noise (60V, 1A)
2SC5865TLR ROHM-2SC5865TLR Datasheet
308Kb / 4P
High voltage discharge, High speed switching, Low Noise (60V, 1A)
2SC5865 ROHM-2SC5865_11 Datasheet
937Kb / 4P
High voltage discharge, High speed switching, Low Noise (60V, 1A)
2SC5866 ROHM-2SC5866 Datasheet
39Kb / 3P
Medium power transistor (60V, 2A)
More results

Similar Description - 2SC5863

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SD1752 PANASONIC-2SD1752 Datasheet
57Kb / 3P
Silicon NPN epitaxial planar type
UP04315 PANASONIC-UP04315 Datasheet
106Kb / 4P
Silicon NPN epitaxial planar type Silicon PNP epitaxial planar type
2SC5848 PANASONIC-2SC5848 Datasheet
438Kb / 3P
Silicon NPN epitaxial planar type
XN06543 PANASONIC-XN06543 Datasheet
89Kb / 3P
Silicon NPN epitaxial planar type
logo
Toshiba Semiconductor
2SC2347 TOSHIBA-2SC2347_03 Datasheet
150Kb / 4P
Silicon NPN Epitaxial Planar Type
2SC2290A TOSHIBA-2SC2290A_07 Datasheet
192Kb / 4P
SILICON NPN EPITAXIAL PLANAR TYPE
logo
Guangdong Kexin Industr...
2SD1824 KEXIN-2SD1824 Datasheet
45Kb / 1P
Silicon NPN Epitaxial Planar Type
2SD814 KEXIN-2SD814 Datasheet
37Kb / 1P
Silicon NPN Epitaxial Planar Type
2SC3125 KEXIN-2SC3125 Datasheet
35Kb / 1P
Silicon NPN Epitaxial Planar Type
2SD1820A KEXIN-2SD1820A Datasheet
46Kb / 1P
Silicon NPN Epitaxial Planar Type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com