Electronic Components Datasheet Search
  English  ▼

X  

20ETF06S Datasheet(PDF) 5 Page - International Rectifier

Part # 20ETF06S
Description  SURFACE MOUNTABLE FAST SOFT RECOVERY RECTIFIER DIODE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

20ETF06S Datasheet(HTML) 5 Page - International Rectifier

  20ETF06S Datasheet HTML 1Page - International Rectifier 20ETF06S Datasheet HTML 2Page - International Rectifier 20ETF06S Datasheet HTML 3Page - International Rectifier 20ETF06S Datasheet HTML 4Page - International Rectifier 20ETF06S Datasheet HTML 5Page - International Rectifier 20ETF06S Datasheet HTML 6Page - International Rectifier 20ETF06S Datasheet HTML 7Page - International Rectifier 20ETF06S Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
20ETF..S
QUIETIR Series
Bulletin I2111 rev. C 03/99
www.irf.com
Fig. 14 - Thermal Impedance Z
thJCCharacteristics
Fig. 12 - Recovery Current Characteristics, T
J
= 25°C
Fig. 13 - Recovery Current Characteristics, T
J
= 150°C
Fig. 10 - Recovery Charge Characteristics, T
J
= 25°C
Fig. 11 - Recovery Charge Characteristics, T
J
= 150°C
0
0.5
1
1.5
2
2.5
3
3.5
4
0
200
400
600
800
1000
Rate Of Fall Of Forward Current - di/dt (A/µs)
1 A
5 A
10 A
I
= 30 A
20 A
20ETF.. Series
T = 25 °C
J
FM
0
1
2
3
4
5
6
7
8
9
10
0
200
400
600
800
1000
Rate Of Fall Of Forward Current - di/dt (A/µs)
1 A
5 A
10 A
I
= 30 A
20 A
20ETF.. Series
T = 150 °C
J
FM
0
10
20
30
40
50
60
70
0
200
400
600
800
1000
Rate Of Fall Of Forward Current - di/dt (A/µs)
1 A
5 A
10 A
I
= 30 A
20 A
20ETF.. Series
T = 25 °C
J
FM
0
20
40
60
80
100
0
200
400
600
800
1000
Rate Of Fall Of Forward Current - di/dt (A/ µs)
1 A
5 A
10 A
I
= 30 A
20 A
20ETF.. Series
T = 150 °C
J
FM
0. 01
0.1
1
10
0.0001
0.001
0.01
0.1
1
Square Wave Pulse Duration (s)
Steady State Value
(DC Operation)
20ETF.. Series
Single Pulse
D = 0.50
D = 0.33
D = 0.25
D = 0.17
D = 0.08



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com