Electronic Components Datasheet Search
  English  ▼

X  

PE35269 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE35269
Description  CABLE ASSEMBLY, PE-C240, N MALE TO BNC MALE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE35269 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE35269 Datasheet HTML 1Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - PE35269

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE352 PASTERNACK-PE352 Datasheet
333Kb / 3P
N Male to N Male High Performance Test Cable 18 Ghz Using PE-P141 Coax, RoHS
PE352-100CM PASTERNACK-PE352-100CM Datasheet
334Kb / 3P
N Male to N Male High Performance Test Cable 18 Ghz 100 cm Length Using PE-P141 Coax, RoHS
PE352-12 PASTERNACK-PE352-12 Datasheet
333Kb / 3P
N Male to N Male High Performance Test Cable 18 Ghz 12 Inch Length Using PE-P141 Coax, RoHS
PE352-120 PASTERNACK-PE352-120 Datasheet
407Kb / 4P
N Male to N Male Cable 120 Inch Length Using PEP141 Coax with HeatShrink, LF Solder, RoHS
PE352-150CM PASTERNACK-PE352-150CM Datasheet
334Kb / 3P
N Male to N Male High Performance Test Cable 18 Ghz 150 cm Length Using PE-P141 Coax, RoHS
More results

Similar Description - PE35269

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE38997 PASTERNACK-PE38997 Datasheet
103Kb / 1P
CABLE ASSEMBLY, PE-C240, BNC MALE TO BNC MALE RIGHT ANGLE
PE38642 PASTERNACK-PE38642 Datasheet
99Kb / 1P
CABLE ASSEMBLY, PE-C240, SMA MALE TO TNC MALE
PE38645 PASTERNACK-PE38645 Datasheet
96Kb / 1P
CABLE ASSEMBLY, PE-C240, N MALE TO SMA MALE
PE35997 PASTERNACK-PE35997 Datasheet
97Kb / 1P
CABLE ASSEMBLY, PE-C240, TNC MALE TO TNC MALE
PE36219 PASTERNACK-PE36219 Datasheet
98Kb / 1P
CABLE ASSEMBLY, PE-C240, BNC MALE TO BNC MALE
PE36958 PASTERNACK-PE36958 Datasheet
99Kb / 1P
CABLE ASSEMBLY, PE-C240, N MALE TO TNC MALE
PE37594 PASTERNACK-PE37594 Datasheet
97Kb / 1P
CABLE ASSEMBLY, PE-C240, 50 OHM BNC MALE TO 50 OHM TNC MALE
PE37945 PASTERNACK-PE37945 Datasheet
119Kb / 1P
CABLE ASSEMBLY,PE-C240, N MALE TO N MALE RIGHT ANGLE
PE37949 PASTERNACK-PE37949 Datasheet
116Kb / 1P
CABLE ASSEMBLY, PE-C240, N MALE TO N FEMALE
PE38997-12 PASTERNACK-PE38997-12 Datasheet
103Kb / 1P
CABLE ASSEMBLY, PE-C240, BNC MALE TO BNC MALE RIGHT ANGLE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com