Electronic Components Datasheet Search
  English  ▼

X  

AD1992 Datasheet(PDF) 3 Page - Analog Devices

Part # AD1992
Description  Class-D Audio Power Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1992 Datasheet(HTML) 3 Page - Analog Devices

  AD1992 Datasheet HTML 1Page - Analog Devices AD1992 Datasheet HTML 2Page - Analog Devices AD1992 Datasheet HTML 3Page - Analog Devices AD1992 Datasheet HTML 4Page - Analog Devices AD1992 Datasheet HTML 5Page - Analog Devices AD1992 Datasheet HTML 6Page - Analog Devices AD1992 Datasheet HTML 7Page - Analog Devices AD1992 Datasheet HTML 8Page - Analog Devices AD1992 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Preliminary Technical Data
AD199x
Rev. PrA – 1/20/05 | Page 3 of 16
AD199X—SPECIFICATIONS
TEST CONDITIONS UNLESS OTHERWISE NOTED
Supply Voltages
AVDD
5 V
DVDD
5 V
PVDDX
12 V
Ambient Temperature
25 °C
Load Impedance
6
Ω
Clock Frequency
11.2896 MHz
Measurement Bandwidth
20 Hz to 20 KHz
Table 1. Performance of both channels is identical
Parameter
Min
Typ
Max
Units
Test Conditions/Comments
OUTPUT POWER (PO)
AD1990
AD1992
AD1994
AD1996
4
5
8
10
16
25
25
40
W
W
W
W
W
W
W
W
RL = 6
Ω, PVDD = 20 V, 1 kHz (FTC)
@ <0.01% THD+N
@ 10% THD+N (FTC)
@ <0.01% THD+N
@ 10% THD+N (FTC)
@ <0.01% THD+N
@ 10% THD+N (FTC)
@ <0.01% THD+N
@ 10% THD+N (FTC)
Efficiency
84
%
fIN =1 kHz, PO = 5 W, RL = 6
Ω
RON
per High Side Transistor
0.3
Ω
@ 1 A
per Low Side Transistor
0.2
Ω
@ 1 A
Maximum Current Through OUTx
4
A
Thermal Warning Active
135
°C
Die temperature
Thermal Shutdown Active
150
°C
Die temperature
Overcurrent Shutdown Active
4
A
Nominal Input Level
1.0
VRMS
PGA gain = 0 dB
Modulation Factor
90
%
PERFORMANCE SPECIFICATIONS
Total Harmonic Distortion (THD+N)
0.005
%
PGA = 0 dB, PO = 5 W
0.007
%
PGA = 6 dB, PO = 5 W
0.01
%
PGA = 12 dB, PO = 5 W
0.02
%
PGA = 18 dB, PO = 5 W
Signal/Noise Ratio (SNR)
102
dB
Dynamic Range (DNR)
102
dB
-60 dB Input
Crosstalk
Power supply rejection (PSRR)
60
45
-100
dB
dB
dB
Measured channel input = 0 VRMS,
other channel = 1 kHz at 5W
20 Hz - 1 kHz
20 Hz – 20 kHz
DC SPECIFICATIONS
Input Impedance
20
k
Ω
AINL and AINR analog inputs
Output DC Offset Voltage
±10
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com