Electronic Components Datasheet Search
  English  ▼

X  

AD5040 Datasheet(PDF) 3 Page - Analog Devices

Part # AD5040
Description  Full Accurate 14/16 Bit Vout nanoDac Buffered, 3V/5V, Sot 23
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5040 Datasheet(HTML) 3 Page - Analog Devices

  AD5040 Datasheet HTML 1Page - Analog Devices AD5040 Datasheet HTML 2Page - Analog Devices AD5040 Datasheet HTML 3Page - Analog Devices AD5040 Datasheet HTML 4Page - Analog Devices AD5040 Datasheet HTML 5Page - Analog Devices AD5040 Datasheet HTML 6Page - Analog Devices AD5040 Datasheet HTML 7Page - Analog Devices AD5040 Datasheet HTML 8Page - Analog Devices AD5040 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Preliminary Technical Data
AD5040/AD5060
Rev. PrC | Page 3 of 17
Parameter
B Version1
Min
Typ
Max
Unit
Test Conditions/Comments
VDD
2.7
5.5
V
AD5040
IDD (Normal Mode)
DAC Active and Excluding Load Current
VDD = +2.7 V to +5.5 V
1.3
mA
VIH = VDD and VIL = GND
IDD (All Power-Down Modes)
PSSR
1
LSB
VDD +/- 10%
NOTES
1Temperature ranges are as follows: B Version: –40°C to +125°C, typical at 25°C.
2Guaranteed by design and characterization, not production tested.
3 Linearity calculated using a reduced code range 480-64716.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com