Electronic Components Datasheet Search
  English  ▼

X  

PE3C4488 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE3C4488
Description  RF Cable Assemblies Technical Data Sheet
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C4488 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE3C4488 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C4488 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C4488 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C4488 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE3C4488 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Operating Voltage (AC)
250
Vrms
.
Specifications by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency
0.5
1
2.5
4
GHz
Insertion Loss (Max.)
0.15
0.23
0.36
0.48
dB/ft
0.49
0.75
1.18
1.57
dB/m
dB/m
.
Electrical Specification Notes:
Insertion Loss does not include the loss of the connectors. Insertion Loss is estimated as 0.1 dB per connector.
Mechanical Specifications
Cable Assembly
Diameter
0.57 in [14.48 mm]
.
Cable
Cable Type
PE-SR405FLJ
Impedance
50 Ohms
Inner Conductor Type
Solid
Inner Conductor Material and Plating
Copper Clad Steel, Silver
Dielectric Type
PTFE
Number of Shields
1
Outer Conductor Material and Plating
Tinned Copper Composite Braid
Jacket Material
FEP, Black
Jacket Diameter
0.105 in [2.67 mm]
.
One Time Minimum Bend Radius
0.5 in [12.7 mm]
Repeated Minimum Bend Radius
0.787 in [19.99 mm]
PE3C4488 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: BNC Male to SSMC Jack Bulkhead Cable Using PE-SR405FLJ Coax PE3C4488
RF Cable Assemblies Technical Data Sheet
PE3C4488
BNC Male to SSMC Jack Bulkhead Cable
Using PE-SR405FLJ Coax



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com