Electronic Components Datasheet Search
  English  ▼

X  

PE37969 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE37969
Description  N Male to N Female Cable Using 1/2 inch Helical Coax, RoHS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE37969 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE37969 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE37969 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE37969 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
2
Cable
Center Conductor Type
Solid
Cable Inner Conductor
Copper Clad Aluminum
No of Shields
1
Dielectric Type
PE (F)
Jacket Material
PE
Jacket Diameter, in [mm]
0.54 [13.72]
Connector 1
Type
N Male
Configuration
Straight
Inner Conductor Material and Plating
Brass, Silver
Outer Conductor Material and Plating
Brass, Silver
Coupling Nut Material and Plating
Brass, Nickel
Hex Size, mm
19
Body Material and Plating
Brass, Silver
Dielectric Type
PTFE
Connector 2
Type
N Female
Configuration
Straight
Inner Conductor Material and Plating
Brass, Silver
Body Material and Plating
Brass, Silver
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
N Male to N Female Cable Using 1/2 inch Helical Coax, RoHS from Pasternack Enterprises has same day shipment for
domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of
the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Male to N Female Cable Using 1/2 inch Helical Coax, RoHS PE37969
URL: http://www.pasternack.com/n-male-n-female-1-2-inch-helical-cable-assembly-pe37969-p.aspx
PE37969 REV
PE37969
N Male to N Female Cable Using 1/2 inch Helical Coax, RoHS



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com