Electronic Components Datasheet Search
  English  ▼

X  

PE37972 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE37972
Description  7/16 DIN Male to 7/16 DIN Female Cable Using 1/2 inch Helical Coax, RoHS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE37972 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE37972 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE37972 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE37972 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
1
7/16 DIN Male to 7/16 DIN Female Cable Using 1/2 inch Helical Coax, RoHS
Configuration
Connector 1
7/16 DIN Male
Connector 2
7/16 DIN Female
Cable Type
1/2” Helical
Electrical Specifications
Frequency Range, GHz
DC to 2.7
Impedance, Ohms
50
Maximum VSWR
1.12:1
Passive Intermodulation, dBc
-156
Typical Performance by Frequency
Frequency 1
Frequency, MHz
1000
VSWR
1.05:1
Insertion Loss
0.022 dB/ft + 0.02 dB [ 0.07 dB/m + 0.02 dB ]
Frequency 2
Frequency, GHz
2.2
VSWR
1.07:1
Insertion Loss
0.034 dB/ft + 0.02 [ 0.11 dB/m + 0.02 dB ]
Frequency 3
Frequency, GHz
2.7
VSWR
1.08:1
Insertion Loss
0.038 dB/ft + 0.02 dB [ 0.12 dB/m + 0.02 dB ]
Mechanical Specifications
Cable Assembly
Cable Type
1/2” Helical
Temperature
Temperature Operating Range, deg C
-55 to +85
.
One Time Minimum Bend Radius, in [mm]
2.75 [69.85]
Repeated Minimum Bend Radius, in [mm]
4.9 [124.46]
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 7/16 DIN Male to 7/16 DIN Female Cable Using 1/2 inch Helical Coax, RoHS PE37972
PE37972 REV
PE37972
7/16 DIN Male to 7/16 DIN Female Cable
Using 1/2 inch Helical Coax, RoHS


Similar Part No. - PE37972

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE37972-36 PASTERNACK-PE37972-36 Datasheet
231Kb / 3P
7/16 DIN Male to 7/16 DIN Female Cable 36 Inch Length Using 1/2 inch Helical Coax, RoHS
PE37972-72 PASTERNACK-PE37972-72 Datasheet
231Kb / 3P
7/16 DIN Male to 7/16 DIN Female Cable 72 Inch Length Using 1/2 inch Helical Coax, RoHS
More results

Similar Description - PE37972

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE37971 PASTERNACK-PE37971 Datasheet
228Kb / 3P
7/16 DIN Male to 7/16 DIN Male Cable Using 1/2 inch Helical Coax, RoHS
PE39802-240 PASTERNACK-PE39802-240 Datasheet
351Kb / 4P
7/16 DIN Male to 7/16 DIN Male Low PIM Cable 240 Inch Length Using 1/2 inch Flexible Coax, RoHS
PE39802 PASTERNACK-PE39802 Datasheet
397Kb / 4P
7-16 DIN Male to 7-16 DIN Male Low PIM Cable Using 1-2 inch Flexible Coax, RoHS
PE37971-36 PASTERNACK-PE37971-36 Datasheet
229Kb / 3P
7/16 DIN Male to 7/16 DIN Male Cable 36 Inch Length Using 1/2 inch Helical Coax, RoHS
PE37971-72 PASTERNACK-PE37971-72 Datasheet
229Kb / 3P
7/16 DIN Male to 7/16 DIN Male Cable 72 Inch Length Using 1/2 inch Helical Coax, RoHS
PE37972-36 PASTERNACK-PE37972-36 Datasheet
231Kb / 3P
7/16 DIN Male to 7/16 DIN Female Cable 36 Inch Length Using 1/2 inch Helical Coax, RoHS
PE37972-72 PASTERNACK-PE37972-72 Datasheet
231Kb / 3P
7/16 DIN Male to 7/16 DIN Female Cable 72 Inch Length Using 1/2 inch Helical Coax, RoHS
PE37973 PASTERNACK-PE37973 Datasheet
327Kb / 3P
7/16 DIN Male to 7/16 DIN Male Right Angle Cable Using 1/2 inch Helical Coax, RoHS
PE37973-36 PASTERNACK-PE37973-36 Datasheet
327Kb / 3P
7/16 DIN Male to 7/16 DIN Male Right Angle Cable 36 Inch Length Using 1/2 inch Helical Coax, RoHS
PE37973-72 PASTERNACK-PE37973-72 Datasheet
327Kb / 3P
7/16 DIN Male to 7/16 DIN Male Right Angle Cable 72 Inch Length Using 1/2 inch Helical Coax, RoHS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com