Electronic Components Datasheet Search
  English  ▼

X  

AD8661 Datasheet(PDF) 2 Page - Analog Devices

Part # AD8661
Description  16V Low Cost, High Performance CMOS Rail-to-Rail Operational Amplifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8661 Datasheet(HTML) 2 Page - Analog Devices

  AD8661 Datasheet HTML 1Page - Analog Devices AD8661 Datasheet HTML 2Page - Analog Devices AD8661 Datasheet HTML 3Page - Analog Devices AD8661 Datasheet HTML 4Page - Analog Devices AD8661 Datasheet HTML 5Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Preliminary Technical Data
AD8661/AD8662/AD8664
-
2-
Rev PrA 10/5/04
ELECTRICAL CHARACTERISTICS (V
S=+5.0V, VCM = VS/2, TA=+25°C unless otherwise
noted)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
INPUT CHARACTERISTICS
Offset Voltage
VOS
VSY = 8V, VCM = 3V
75
µV
VCM = 0.1V to 3.0V
30
300
µV
-40°< TA < +85°C
650
µV
-40°< TA < +125°C
750
µV
Input Bias Current
IB
0.3
1
pA
-40°< TA < +85°C
50
pA
-40°< TA < +125°C
300
pA
Input Offset Current
IOS
0.2
TBD
pA
-40°< TA < +85°C
20
pA
-40°< TA < +125°C
75
pA
Input Voltage Range
tbd
3.0
V
Common-Mode Rejection Ratio
CMRR
VCM = 0.1V to 3.0V
80
95
dB
Large Signal Voltage Gain
AVO
RL = 10 kΩ VO= 0.5V to 4.5V
70
100
V/mV
Offset Voltage Drift
∆V
OS/∆T
3
10
µV/°C
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
IL = 1mA
4.80
4.85
V
IL = 10mA
4.80
4.85
V
-40°C < TA < +125°C
4.75
V
Output Voltage Low
VOL
IL = 1mA
60
120
mV
VOL
IL = 1mA
60
120
mV
-40°C < TA < +125°C
150
mV
Output Current
IOUT
±19
mA
Closed Loop Output Impedance
ZOUT
f=1 MHz, AV = 1
65
Ω
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS = 5 V to 16 V
80
95
dB
Supply Current/Amplifier
ISY
VO = 0V
1.2
1.8
mA
-40°< TA < +125°C
2.0
mA
DYNAMIC PERFORMANCE
Slew Rate
SR
RL =10 kΩ
3
V/
µs
Settling Time
ts
To 0.1%, 0 V to 1V step
<1
µs
Gain Bandwidth Product
GBP
4
MHz
Phase Margin
Øo
CL = 15 pF
60
degrees
NOISE PERFORMANCE
Peak-to-Peak Noise
en p-p
f=0.1Hz to 10 Hz
2.5
µV p-p
Voltage Noise Density
en
f=1kHz
12
nV/
√Hz
Voltage Noise Density
en
f=10kHz
10
nV/
√Hz
Current Noise Density
in
f=1kHz
0.1
pA/
√Hz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com