Electronic Components Datasheet Search
  English  ▼

X  

AD12400/KIT Datasheet(PDF) 10 Page - Analog Devices

Part # AD12400/KIT
Description  12-Bit 400 MSPS A/D Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD12400/KIT Datasheet(HTML) 10 Page - Analog Devices

Back Button AD12400/KIT Datasheet HTML 6Page - Analog Devices AD12400/KIT Datasheet HTML 7Page - Analog Devices AD12400/KIT Datasheet HTML 8Page - Analog Devices AD12400/KIT Datasheet HTML 9Page - Analog Devices AD12400/KIT Datasheet HTML 10Page - Analog Devices AD12400/KIT Datasheet HTML 11Page - Analog Devices AD12400/KIT Datasheet HTML 12Page - Analog Devices AD12400/KIT Datasheet HTML 13Page - Analog Devices AD12400/KIT Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
AD12400
Rev. 0 | Page 10 of 28
Pin Number
Mnemonic
Function
68
DA4+
Channel A Data Bit 4. True output bit.
69
DA3−
Channel A Data Bit 3. Complement output bit.
70
DA2−
Channel A Data Bit 2. Complement output bit.
71
DA3+
Channel A Data Bit 3. True output bit.
72
DA2+
Channel A Data Bit 2. True output bit.
73
DA1−
Channel A Data Bit 1. Complement output bit.
74
DA0−
Channel A Data Bit 0. Complement output bit. DA0 is LSB.
75
DA1+
Channel A Data Bit 1. True output bit.
76
DA0+
Channel A Data Bit 0. True output bit. DA0 is LSB.
77
LEAD/LAG
Typically DNC. See LEAD/LAG note on Page 17.
78
DRA
Channel A Data Ready. Complement output.
80
DRA
Channel A Data Ready. True output.
81−95, 109−112,
129−132*
AGND
Analog Ground.
113−120
VA
Analog Supply, 3.8 V
121−128*
DGND
Digital Ground.
*Internal Ground Plane Connections: Section A = DGND, Pins 121−124, Section B = DGND, Pins 125−128, Section C = AGND, Pins 129−132.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com